Electronic Components Datasheet Search
  English  ▼

X  

RC0027F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0027F
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0027F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0027F Datasheet HTML 1Page - Solid States Devices, Inc RC0027F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0027F
DOC
Electrical Characteristic (Per Leg)
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA= 25ºC, 300 – 500 µsec Pulse)
IF= 10 A
IF= 20 A
VF1
VF2
0.86
0.96
1.0
1.2
VDC
Instantaneous Forward Voltage Drop
(IF= 10 A, 300 – 500 µsec Pulse)
TA= 100ºC
TA= -55ºC
VF3
VF4
0.76
0.98
0.9
1.15
VDC
Reverse Leakage Current
(100% of rated VR, 300 µs pulse min.)
TA= 25ºC
TA= 100ºC
IR1
IR2
0.02
2
10
1000
µA
Reverse Recovery Time
(IF= 0.5 A, IR= 1 A, IRR= 0.25 A, TA= 25ºC)
tRR
22
35
nsec
Junction Capacitance
(VR= 10 VDC, TA= 25ºC, f= 1 MHz)
CJ
180
225
pF
TO-254
.685
.665
.750
.500
PIN 2
PIN 1
PIN 3
Ø.150
.139
.545
.535
.800
.790
.050
.040
.270
.240
.545
.535
.155
.140
3x Ø.045
.035
2x .155
.145
TO-254Z
PIN 3
PIN 2
PIN 1
.305
.295
2x .155
.145
3x .045
.035
2x .275
.255
.545
.535
2x .140
.125
1.090
1.050
.820
.790
.545
.535
2x .275
.255
.285
.265
2x Ø.150
.140
.555
.500
.155
.135
.055
.035
.260
.240
Optional Lead Bent Configuration
Pin Assignment
Down Bent (DB Suffix)
.170
MIN
.190
.150
Up Bent (UB Suffix)
.170
MIN
.190
.150
For information on curves, contact the Factory
Representative for Engineering Assistance.
Code
Function
Pin 1 Pin 2
Pin 3
CT
Common Cathode Anode Cathode Anode
CA
Common Anode Cathode Anode Cathode
D
Doubler
Cathode
AC
Anode
DR
Doubler, Reverse
Anode
AC
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR620CTM&Z
thru
SDR622CTM&Z



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com