Electronic Components Datasheet Search
  English  ▼

X  

RC0034 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0034
Description  PHASE BRIDGE ASSY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0034 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0034 Datasheet HTML 1Page - Solid States Devices, Inc RC0034 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14701 Firestone Blvd. La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
SDA312
10 AMPS
180 - 200 nsec
FAST RECOVERY
3 PHASE BRIDGE ASSY
SDA312AF
thru
SDA312GF
• Fast Recovery: 180 -200 nsec Maximum
• 50 to 1000 V Blocking Voltage
• Average Output Current 10 Amps
• Low Reverse Leakage Current
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• TX and TXV Level Screening Available
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
10
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, TA = 25oC, No Heatsink)
75
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC, per leg)
Maximum Thermal Resistance
Junction to Case
1.5
oC/W
RθθθθθJC
oC
-55 TO +150
TOP & Tstg
Operating and Storage Temperature
50
100
200
400
600
800
1000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
SDA312AF
SDA312BF
SDA312CF
SDA312DF
SDA312EF
SDA312FF
SDA312GF
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RC0034B


Similar Part No. - RC0034

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0034 SSDI-RC0034_15 Datasheet
131Kb / 2P
FAST RECOVERY 3 PHASE BRIDGE ASSY
More results

Similar Description - RC0034

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK8BGD065E SEMIKRON-SK8BGD065E Datasheet
722Kb / 4P
1-phase bridge rectifier 3-phase bridge inverter
SK20DGD065ET SEMIKRON-SK20DGD065ET Datasheet
618Kb / 4P
3-phase bridge rectifier 3-phase bridge inverter
logo
Solid States Devices, I...
SDA312A SSDI-SDA312A Datasheet
52Kb / 2P
10 AMPS 5 usec STANDARD RECOVERY 3 PHASE BRIDGE ASSY
SDA312AF SSDI-SDA312AF Datasheet
127Kb / 2P
10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
logo
Semikron International
SKIIP01NAC066V1 SEMIKRON-SKIIP01NAC066V1_05 Datasheet
1Mb / 4P
3-phase bridge rectifier 3-phase bridge inverter
SK9BGD065ET SEMIKRON-SK9BGD065ET Datasheet
750Kb / 4P
1-phase bridge rectifier 3-phase bridge inverter
SKIIP01NAC066V3 SEMIKRON-SKIIP01NAC066V3 Datasheet
1,014Kb / 4P
3-phase bridge rectifier 3-phase bridge inverter
SKIIP03NAC066V3 SEMIKRON-SKIIP03NAC066V3 Datasheet
1,012Kb / 4P
3-phase bridge rectifier 3-phase bridge inverter
SK25DGD065ET SEMIKRON-SK25DGD065ET_08 Datasheet
946Kb / 4P
3-phase bridge rectifier 3-phase bridge inverter
logo
Solid States Devices, I...
RC0034 SSDI-RC0034_15 Datasheet
131Kb / 2P
FAST RECOVERY 3 PHASE BRIDGE ASSY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com