Electronic Components Datasheet Search
  English  ▼

X  

RC0037E Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0037E
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0037E Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0037E Datasheet HTML 1Page - Solid States Devices, Inc RC0037E Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SUM
__ __ __
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
60F = 6,000V
70F = 7,000V
80F = 8,000V
90F = 9,000V
100F = 10,000V
SUM60F thru SUM100F
and
SUM60FSMS thru SUM100FSMS
500 mA
FAST RECOVERY RECTIFIER
6,000 thru 10,000 VOLTS
180 nsec
FEATURES:
PIV to 10,000 Volts
Hermetically sealed axial and square tab surface
mount package
Fast recovery 180 nsec maximum
4/
Void free construction
Metallurgically bonded
175°C maximum operating temperature
TX, TXV, and S-level screening available
2/
Also available in fast versions, consult factory
MAXIMUM RATINGS 3/ 6/
RATING
SYMBOL
VALUE
UNIT
Peak Inverse Voltage
SUM60F and SUM60FSMS
SUM70F and SUM70FSMS
SUM80F and SUM80FSMS
SUM90F and SUM90FSMS
SUM100F and SUM100FSMS
PIV
6000
7000
8000
9000
10000
Volts
Average Rectified Current
Axial @ L = 3/8”
TL ≤ 90°C
TL ≤ 125°C
Surface Mount
TEC ≤ 130°C
TEC ≤ 145°C
IO1
IO2
500
250
mA
Surge Current (1 Cycle)
IFSM
30
Amps
Operating & Storage Temperature
5/
TJ and TSTG
-65 to +175
°C
Typical Thermal Impedance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
15
5
°C/W
NOTES:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
4/ IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
5/ Maximum lead/end temperature for soldering is 250°C, 3/8” from the case for 5 sec. maximum.
6/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable
dielectric material.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0037E
DOC


Similar Part No. - RC0037E

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0037E SSDI-RC0037E_15 Datasheet
160Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - RC0037E

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com