Electronic Components Datasheet Search
  English  ▼

X  

RC0038D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0038D
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0038D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0038D Datasheet HTML 1Page - Solid States Devices, Inc RC0038D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0038D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SUM _ _ F _ _ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
│
│
│
│
└
└ Screening2/ __ = None
TX = TX Level
TXV = TXV Level
S = S Level
Package
___ = Axial
SMS = Surface Mount Square Tab
Recovery Time
F = Fast
Voltage
20 = 2000 V
25 = 2500 V
30 = 3000 V
35 = 3500 V
40 = 4000 V
50 = 5000 V
SUM20F & FSMS
thru
SUM50F & FSMS
0.5 AMP
2000-5000 VOLTS
180 nsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
Fast Recovery: 180 nsec Maximum
PIV to 5000 Volts
Hermetically Sealed Axial and Surface Mount
Package
Void-Free Construction
Metallurgically Bonded
175ºC Maximum Operating Temperature
TX, TXV, and Space Level Screening Available 2/
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
IO
IR
VF
IFSM
tRR
CJ
RθJL/RθJE
Units
V
mA
A
Volts
Amps
Nsec
pF
ºC/W
Conditions
25ºC
25ºC
100ºC
25ºC
@ PIV
100ºC
@ PIV
25ºC
@ IO
25ºC
8.3ms Pulse
25ºC
IF= 0.5 A
IR= 1.0 A
IRR= 0.25 A
25ºC
VR= 100 V
fT= 1 MHZ
L = 3/8”
SUM20F
2000
500
300
1.0
15
8
25
180
10
16
SUM25F
2500
500
300
1.0
15
8
25
180
10
16
SUM30F
3000
500
300
1.0
15
11
25
180
10
16
SUM35F
3500
500
300
1.0
15
11
25
180
10
16
SUM40F
4000
500
300
1.0
15
11
25
180
10
16
SUM50F
5000
500
300
1.0
15
11
25
180
10
16
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of 300µsec minimum.
5/ Max. Lead/End Tab temp. for soldering is 250°C, 3/8” from case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
Axial
Surface Mount
Square Tab


Similar Part No. - RC0038D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0038D SSDI-RC0038D_15 Datasheet
81Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - RC0038D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com