Electronic Components Datasheet Search
  English  ▼

X  

RC0039F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0039F
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0039F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0039F Datasheet HTML 1Page - Solid States Devices, Inc RC0039F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0039F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SUM
__ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
60UF = 6,000V
70UF = 7,000V
80UF = 8,000V
90UF = 9,000V
100UF = 10,000V
SUM60UF thru SUM100UF
and
SUM60UFSMS thru SUM100UFSMS
500 mA
ULTRA FAST RECOVERY RECTIFIER
6,000 thru 10,000 VOLTS
70 nsec
FEATURES:
PIV to 10,000 Volts
Hermetically sealed axial and square tab surface
mount package
Ultra fast recovery 70 nsec maximum
4/
Void free construction
Metallurgically bonded
175°C maximum operating temperature
TX, TXV, and S-level screening available
2/
Also available in fast versions, consult factory
MAXIMUM RATINGS 3/ 6/
RATING
SYMBOL
VALUE
UNIT
Peak Inverse Voltage
SUM60UF and SUM60UFSMS
SUM70UF and SUM70UFSMS
SUM80UF and SUM80UFSMS
SUM90UF and SUM90UFSMS
SUM100UF and SUM100UFSMS
PIV
6000
7000
8000
9000
10000
Volts
Average Rectified Current
Axial @ L = 3/8”
TL ≤ 75°C
TL ≤ 115°C
Surface Mount
TEC ≤ 125°C
TEC ≤ 140°C
IO1
IO2
500
250
mA
Surge Current (1 Cycle)
IFSM
30
Amps
Operating & Storage Temperature
5/
TJ and TSTG
-65 to +175
°C
Typical Thermal Impedance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
15
5
°C/W
NOTES:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
4/ IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
5/ Maximum lead/end temperature for soldering is 250°C, 3/8” from the case for 5 sec. maximum.
6/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable
dielectric material.
Axial Leaded
SMS


Similar Part No. - RC0039F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0039F SSDI-RC0039F_15 Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - RC0039F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RU0049B SSDI-RU0049B Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com