Electronic Components Datasheet Search
  English  ▼

X  

RC0051C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0051C
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0051C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0051C Datasheet HTML 1Page - Solid States Devices, Inc RC0051C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD4963-1 thru SPD4963-3
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 1 ADC, TA = 25°C, 300 - 500μsec Pulse)
SPD4963-1
SPD4963-2
SPD4963-3
VF1
––
––
––
1.30
1.30
1.35
Volts
Instantaneous Forward Voltage Drop
(IF = 60 ADC, TA = 25°C, 50 - 500μsec Pulse)
ALL
VF2
––
10.0
Volts
Reverse Breakdown Voltage
(IR = 100 μADC, TA = 25°C, 300μsec min Pulse)
SPD4963-1
SPD4963-2
SPD4963-3
VBR
550
670
800
––
––
––
Volts
Reverse Leakage Current
(Rated VR, 300μsec min Pulse)
TA = 25
oC
TA = 150
oC
IR1
IR2
––
––
2
1
μA
mA
Storage Charge
(IF = 100 mA, TA = 25
oC)
QS
––
30
nC
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
trr
––
130
ns
DIM
MIN
MAX
Case Outline:
A
--
0.120”
B
--
0.250”
C
0.027”
0.033”
D
1.00”
––
NOTES:
Consult manufacturing for operating curves.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0051C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com