Electronic Components Datasheet Search
  English  ▼

X  

203357 Datasheet(PDF) 2 Page - ERNI Electronics

Part # 203357
Description  MOD JACK - MJIMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

203357 Datasheet(HTML) 2 Page - ERNI Electronics

  203357 Datasheet HTML 1Page - ERNI Electronics 203357 Datasheet HTML 2Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
203353
MOD JACK - MJIMR
8C8T, 1X1, INT. MAG., LED, REVERSE LATCH
I
MAXMJ
-
-
2:1
-
-
ELECTRICAL SCHEMATIC M3D01
N/C P7
GND P8
1000pF/2KV
4X 75
W
P1
CT P5
CT P4
P3
P6
P2
PCB
ELEKTRISCHES DIAGRAMM
J7,8
J4,5
CABLE
J1
J3
J6
J2
LED SPECIFICATIONS
TYP
FARBE
ORANGE/GREEN
RED
GREEN
YELLOW
2.1
2.05/2.2
2.25
2.2
COLOR
f
V
MAX
mA
2.5
2.5
2.5
2.5
20
20
20
20
LED ANWEISUNG
f
V
If
SCHALTSKIZZE
N
G
9
CIRCUIT DIAGRAM
10
12
11
N
G
12
11
10
9
12
11
10
9
12
11
10
9
RECOMMENDED PCB LAYOUT (COMPONENT SIDE VIEW)
EMPFOHLENER FUER LEITERPLATTE (BESTUECKUNGSSEITE)
TOL
±0.05 [.002] UNLESS NOTED
9
8
2
10
12
11
1
7
˚1.60
±0.07 [˚.063±.003] X2
˚3.25
±0.07 [˚.128±.003] X2
˚1.02
±0.07 [˚.040±.003] X4
15.49 [.610]
13.57 [.534]
11.43 [.450]
1.27 [.050]
0.64 [.025]
2.54 [.100]
˚0.89
±0.07 [˚.035±.003] X8
60 - 80 MHz
-12 dB MIN
0.1 - 30 MHz
-50 dB TYP
ISOLATION
1500 Vrms
60 - 100 MHz
-35 dB TYP
30 - 60 MHz
-40 dB TYP
1-100 MHz
-40 dB TYP
CMR:
CROSSTALK:
RETURN LOSS:
50 MHz
-13.6 dB MIN
INSERTION LOSS:
TURNS RATIO:
OCL(100 KHz, 0.1 Vrms, 8 mA)
MAGNETICS SPECIFICATIONS @ 25˚C
0.1-100 MHz
-1.1 dB MAX
40 MHz:
-15.5 dB MIN
0.5 - 30 MHz:
-18 dB MIN
AUTO MDIX COMPATIBLE
(P1-P2 : J1-J2)
(P3-P6 : J3-J6)
1CT : 1
±3%
1CT : 1
±3%
(P1-P2 : P3-P6)
DCR (P1-P2, P3-P6)
0.9 OHMS MAX
350
µH MIN
Scale
Designation
Tolerances
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
Date
Index
Information:
All Dimensions
in mm
www.ERNI.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com