Electronic Components Datasheet Search
  English  ▼

X  

203355 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 203355
Description  MOD JACK - MJIMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

203355 Datasheet(HTML) 1 Page - ERNI Electronics

  203355 Datasheet HTML 1Page - ERNI Electronics 203355 Datasheet HTML 2Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
203353
8C8T, 1X1, INT. MAG., LED, REVERSE LATCH
MOD JACK - MJIMR
MAXMJ
2:1
-
-
-
-
-
-
-
-
I
All Dimensions
in mm
www.ERNI.com
L.E.D. 2
8
1
L.E.D. 1
PCB EDGE
LP
EMPFOHLENER FRONTPLATTEN AUSSCHNITT
RECOMMENDED PANEL CUTOUT
11.43
±0.13 [.450±.005]
15.88 [.625]
10.89 [.429]
16.66 [.656]
LED 2 LEFT
LED 2 LINK
ORANGE/GREEN
203356
203357
203358
203354
NO.
IDENT. NR.
203355
GREEN
GREEN
YELLOW
GREEN
GREEN
LED 1 RIGHT
LED 1 RECHTE
GREEN
YELLOW
ORANGE/GREEN
RED
L9
L4
L3
CODE
L1
L2
LED
CONTACT FINISH: Au, 0.8
µm (30 µin), OVER Ni
HOUSING: GLASS FILLED POLYESTER UL 94 V-0 BLACK
LED LENS: EPOXY
DURABILITY: 1000 MATING CYCLES
MECHANICAL CHARACTERISTICS
OPERATING TEMPERATURE: 0˚C TO 70˚C
MATERIALS AND FINISH
CONTACTS: PHOSPHOR BRONZE
TERMINAL FINISH: SnPb
SHIELDING: Cu ALLOY, PLATED WITH Ni
Scale
Designation
Tolerances
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
Date
Index
Information:
SCHEMATIC NUMBER M3D01


Similar Part No. - 203355

ManufacturerPart #DatasheetDescription
logo
SICK AG
2033548 SICK-2033548 Datasheet
257Kb / 4P
Plug connector cable
More results

Similar Description - 203355

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
133027 ERNI-133027 Datasheet
903Kb / 2P
MOD JACK - MJD
133037 ERNI-133037 Datasheet
973Kb / 2P
MOD JACK - MJD
133188 ERNI-133188 Datasheet
629Kb / 1P
MOD JACK - MJV
133701 ERNI-133701 Datasheet
41Kb / 1P
MOD JACK - MJLS
133776 ERNI-133776 Datasheet
89Kb / 1P
MOD JACK
203347 ERNI-203347 Datasheet
52Kb / 2P
MOD JACK -MJIMR
203419 ERNI-203419 Datasheet
49Kb / 2P
MOD JACK - MJIMR
203509 ERNI-203509 Datasheet
809Kb / 2P
MOD-JACK
100100470001 ERNI-100100470001 Datasheet
611Kb / 1P
MOD JACK
100101790001 ERNI-100101790001 Datasheet
47Kb / 2P
MOD JACK -MJIMR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com