Electronic Components Datasheet Search
  English  ▼

X  

RC0057C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0057C
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0057C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0057C Datasheet HTML 1Page - Solid States Devices, Inc RC0057C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0057C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDR9__ UF __ __
⏐
⏐
⏐
⏐
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Package
____ = None
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
⏐
L Recovery Time
UF = Ultra Fast
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L Voltage
J = 600 V
K = 800 V
M = 1000 V
SDR9JUF & UFSMS
thru
SDR9MUF & UFSMS
9 AMP
800-1000 Volts
70 nsec
ULTRA FAST RECOVERY
RECTIFIER
Features:
• Ultra Fast Recovery: 70 nsec maximum
• PIV to 1000 Volts
• Low Reverse Leakage Current
• Hermetically Sealed
• Single Chip Construction
• Replaces Larger DO-4 Rectifiers
• Low Thermal Resistance
• Fast and Hyper Fast Recovery Available. Contact Factory.
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
DC Blocking Voltage
SDR9JUF & UFSMS
SDR9KUF & UFSMS
SDR9MUF & UFSMS
VRRM
VRWM
VR
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
9
Amps
Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = .125 " (Axial Lead)
Junction to End Tab (Surface Mount)
RθJL
RθJE
8
4
ºC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial Leaded
SMS


Similar Part No. - RC0057C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0057C SSDI-RC0057C_15 Datasheet
43Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - RC0057C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com