Electronic Components Datasheet Search
  English  ▼

X  

RC0060D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0060D
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0060D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0060D Datasheet HTML 1Page - Solid States Devices, Inc RC0060D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SDH _ _ HF _ _ __
⏐
⏐
⏐
⏐
L Screening2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L
Package
___ = Axial
SMS = Surface Mount Square
Tab
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Recovery Time
HF = Hyper Fast
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Voltage
20 = 2000 V
25 = 2500 V
30 = 3000 V
40 = 4000 V
50 = 5000 V
60 = 6000 V
SDH20HF & HFSMS
thru
SDH60HF & HFSMS
0.6-1 AMP
2000-6000 VOLTS
HYPER FAST RECOVERY
HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Hyper Fast Recovery: 40 nsec Maximum
•
PIV to 6000 Volts
•
Hermetically Sealed Axial and Surface Mount
Package
•
Void-Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
Replacement for 1N6512 thru 1N6518 and
1N6520 thru 1N6526 in Many Applications
•
TX, TXV, and Space Level Screening Available
2/
•
Available in Fast and Hyper Fast Versions.
Contact Factory.
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR
VF
IFSM
tRR
CJ
θJE
θJL
Units
A
μA
Volts
Amps
nsec
pF
°C/W
Conditions
Volts
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L =
1/8”
SDH20HF
2000
1.0
0.5
1.0
50
8.2
40
40
10
4
8
SDH25HF
2500
1.0
0.5
1.0
50
8.2
40
40
10
4
8
SDH30HF
3000
1.0
0.5
1.0
50
8.2
40
40
10
4
8
SDH40HF
4000
0.6
0.3
1.0
50
12
30
40
8
4
8
SDH50HF
5000
0.6
0.3
1.0
50
12
30
40
8
4
8
SDH60HF
6000
0.6
0.3
1.0
50
12
30
40
8
4
8
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. Lead/End Tab temp. for soldering is 250°C, 3/8” from case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=.25A, TA=25°C.
Axial
Surface Mount
Square Tab
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0060D
DOC


Similar Part No. - RC0060D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0060D SSDI-RC0060D_15 Datasheet
89Kb / 2P
HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - RC0060D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com