Electronic Components Datasheet Search
  English  ▼

X  

RC0068 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0068
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0068 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0068 Datasheet HTML 1Page - Solid States Devices, Inc RC0068 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics (Per Leg)
SYMBOL
UNITS
VF2
VF3
MAXIMUM
SDR2410CTM
SDR2412CTM
IR1
IR2
50
2.5
Reverse Leakage Current
(80% of Rated VR, 300µs pulse min.)
Instantaneous Forward Voltage Drop
(TA= 25oC, 300µsec Pulse )
1.9
VDC
VF1
Instantaneous Forward Voltage Drop
(IF = 12A, 300µsec pulse )
1.8
2.2
VDC
CJ
pF
60
Junction Capacitance
(VR = 10VDC, TA = 25oC, f = 1MHz)
Reverse Recovery Time
(IF= 500mA, IR = 1.0A, IRR = 250 mA, TA= 25oC)
tRR
65
nsec
CASE OUTLINE: TO-254 (Sufix M)
PIN 1: ANODE 1
PIN 2: CATHODE
PIN 3: ANODE 2
CASE OUTLINE: TO-254Z (Sufix Z)
PIN 1: ANODE 1
PIN 2: CATHODE
PIN 3: ANODE 2
MINIMUM
--
--
--
--
--
--
IF = 12A
TA = 25oC
TC = 100oC
TA= 100oC
TA= -55oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
µµµµµA
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com