Electronic Components Datasheet Search
  English  ▼

X  

RC0079A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0079A
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0079A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0079A Datasheet HTML 1Page - Solid States Devices, Inc RC0079A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0079A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA
___
___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage/Family
│
│
│
│
│
└
5000 = 5000V
7500 = 7500V
10000 = 10000V
12500 = 12500V
15000 = 15000V
20000 = 20000V
25000 = 25000V
SDA5000
thru
SDA25000
0.5 AMPS
5,000 ─ 25,000 VOLTS
STANDARD RECOVERY
HIGH VOLTAGE RECTIFIER
FEATURES:
•
Average Output Current 0.5 Amps
•
PIV 5000 to 25,000 Volts
•
Low Reverse Leakage
•
Low Distributed and GRD Capacitance
•
Corona Free
•
Superior Thermal Shock Resistance
•
Also available in Fast, Ultra Fast, and Hyper-Fast
versions. Consult Factory.
•
TX, TXV, and S-Level Screening Available.
Consult Factory
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300 μsec
minimum.
2. Unless Otherwise Specified, All Electrical Characteristics @25ºC
3. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25
oC
HV STICK
ELECTRICAL CHARACTERISTICS
Part Number
Peak
Inverse
Voltage
(per leg)
Average DC
Output Current
TC = Case Temp
Reverse
Recovery
Time
Maximum
Surge
Current
(1 Cycle)
Maximum
Forward
Voltage
(per leg)
Maximum
Reverse
Current
(per leg)
@ PIV
Case Size
Symbol
PIV
IF (AV)
trr
IFRM
VF
IR
Units
Volts
Amps
μs
Amps
Volts
μA
INCHES
Conditions
55
oC
100
oC
25
oC
IF = 500 mA
25
oC 100oC
A
B
C
SDA5000
5000
0.5
0.33
5
50
5
1
50
1.125 0.25
0.50
SDA7500
7500
0.5
0.33
5
50
7.5
1
50
1.165 0.25
0.50
SDA10000
10000
0.5
0.33
5
50
10
1
50
2.000 0.25
0.50
SDA12500
12500
0.5
0.33
5
50
12.5
1
50
2.375 0.25
0.50
SDA15000
15000
0.5
0.33
5
50
15
1
50
2.750 0.25
0.50
SDA20000
20000
0.5
0.33
5
50
20
1
50
3.500 0.25
0.50
SDA25000
25000
0.5
0.33
5
50
25
1
50
4.250 0.25
0.50


Similar Part No. - RC0079A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0079A SSDI-RC0079A_15 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - RC0079A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com