Electronic Components Datasheet Search
  English  ▼

X  

RC0088 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0088
Description  Hyper Fast Center tap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0088 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0088 Datasheet HTML 1Page - Solid States Devices, Inc RC0088 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR52 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package 3/
J = TO-257
S.5 = SMD.5
G = Cerpack
│
│
│
└ Configuration CT =Center tap
└ Voltage
0 = 100 V
1 = 150 V
2 = 200 V
SDR520CT
Series
12A 28nsec
100 to 200 V
Hyper Fast Center tap Rectifier
Features:
• Hyper Fast Recovery: 28nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Eutectic Die Attach
• TX, TXV, and S Level Screening Available
• Higher Voltages Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR520CT
SDR521CT
SDR522CT
VRRM
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave,
TC = 100 °C, TO-257 = 90 ºC)
Total
Per Leg
Io
12
6
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
Per Leg
IFSM
90
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
TO-257
SMD.5 & Cerpack
RθJC
2.4
1.9
ºC/W
TO-257 (J)
CERPACK (G)
SMD.5 (S.5)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0088B
DOC


Similar Part No. - RC0088

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0088 SSDI-RC0088_15 Datasheet
171Kb / 2P
Hyper Fast Center tap Rectifier
More results

Similar Description - RC0088

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE623 NTE-NTE623 Datasheet
18Kb / 2P
Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE6240 NTE-NTE6240 Datasheet
20Kb / 2P
Silicon Rectifier Super Fast, Dual, Center Tap
NTE6241 NTE-NTE6241 Datasheet
20Kb / 2P
Silicon Rectifier Super Fast, Dual, Center Tap
NTE627 NTE-NTE627 Datasheet
17Kb / 2P
Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE629 NTE-NTE629 Datasheet
18Kb / 2P
Silicon Rectifier Fast Recovery, Dual, Center Tap
logo
Solid States Devices, I...
SDR520CT SSDI-SDR520CT Datasheet
167Kb / 2P
12A 28nsec 100 to 200 V Hyper Fast Center tap Rectifier
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
RA0037A SSDI-RA0037A_15 Datasheet
136Kb / 2P
DOUBLER/CENTER TAP RECTIFIER ASSEMBLY
RC0088 SSDI-RC0088_15 Datasheet
171Kb / 2P
Hyper Fast Center tap Rectifier
RS0206 SSDI-RS0206_15 Datasheet
219Kb / 2P
CENTER TAP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com