Electronic Components Datasheet Search
  English  ▼

X  

RC0092 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0092
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0092 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0092 Datasheet HTML 1Page - Solid States Devices, Inc RC0092 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR4006HF Series
Electrical Characteristic
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 – 500 µsec Pulse)
IF = 10 A
IF = 20 A
IF = 40 A
VF1
VF2
VF3
––
1.35
1.50
1.75
VDC
Instantaneous Forward Voltage Drop
(IF = 20A, 300 – 500 µsec Pulse)
TA = -55 ºC
TA = 100 ºC
VF3
VF4
––
1.65
1.32
VDC
Reverse Leakage Current
(100% of Rated VR, 300 µs pulse min.)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
––
––
50
5,000
µA
µA
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
tRR
––
35
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
––
80
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
Available Part Numbers:
SDR4004HFN, SDR4004HFP
SDR4005HFN, SDR4005HFP
SDR4006HFN, SDR4006HFP
PIN ASSIGNMENT
PACKAGE
Pin 1
Pin 2
Pin 3
TO-258 (N)
Cathode
Anode
Anode
TO-259 (P)
Cathode
Anode
Anode
TO-258:
TO-259:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0092A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com