Electronic Components Datasheet Search
  English  ▼

X  

RC0098 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0098
Description  HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0098 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0098 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Fast Reverse Recovery: 300 nsec Maximum
• PIV 2,200 Volts
• Hermetically Sealed
• Void-Free Construction
• Metallurgically Bonded
• 175°C Maximum Operating Temperature
• Miniature Package
• TX, TXV, and Space Level Screening Available
• Lead Free Termination Available, Contact
Factory
SDRS614
250 mA
2,200 VOLTS
FAST RECOVERY
HIGH VOLTAGE RECTIFIER
NOTES:
1/ Unless Otherwise Specified, All Electrical Characteristics @25
°C.
2/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable dielectric material.
3/ Maximum lead temperature for soldering is 250
°C, 3/8” from case for 5 sec. maximum.
4/ Operating and storage temperature: -65
°C to +175°C.
5/ Recovery Conditions IF = 0.5 A, IR = 1.0 A rec. to 0.25 A.
DIMENSIONS
CODE
MIN
MAX
A
---
.135”
B
---
.170”
C
.028”
.032”
PACKAGE OUTLINE: AXIAL RECTIFIER
D
1.0”
---
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0098C
DOC
ELECTRICAL CHARACTERISTICS
1/ 2/ 3/ 4/
Part Number
Peak
Inverse
Voltage
Average
Rectified
Current
Reverse
5/
Recovery
Time
Maximum Junction
Capacitance
Maximum
Surge
Current
(1 Cycle)
Typical
Thermal
Impedance
Maximum
Forward
Voltage
Maximum
Reverse
Current
Symbol
PIV
IO
trr
CJ
IFSM
?JL
VF
IR @ 80% of
PIV
Units
Volts
mA
nsec
pF
Amps
°C/W
Volts
µA
Conditions
Max
VR = 100V, f = 1MHz
L = ¼”
60mA 250mA 25
oC
100
oC
2,200
250
300
5.0
20
45
1.7
2.2
5.0
150


Similar Part No. - RC0098

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0098 SSDI-RC0098_15 Datasheet
26Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - RC0098

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com