Electronic Components Datasheet Search
  English  ▼

X  

U4941 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # U4941
Description  Rotary code switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U4941 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  U4941 Datasheet HTML 1Page - List of Unclassifed Manufacturers U4941 Datasheet HTML 2Page - List of Unclassifed Manufacturers U4941 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APEM
www.apem.com
F-7
PT65 series
Rotary code switches
Through-hole
F
ACCESSORIES ADAPTED TO YOUR APPLICATIONS
Basic model PT657 has been designed to accept different
actuators with snap-in connection.
According to your application, you can choose between spindles
or plastic knobs in two different lengths and a
Ø 17 mm (.669) knurled wheel for lateral marking.
Standard colours are shown below. Special colours are also
available on request.
STANDARD PRODUCTS
MODELS
CODES
BCD
BCD complement
Hexadecimal
Hexadecimal complem.
FOR SCREWDRIVER
Upper actuation
PT65101
PT65102
PT65103
PT65303
PT65503
PT65303L254
-
PT65103L254
PT65103L508
PT65106
-
-
-
-
-
Side actuation
PT65101L254
PT65101L508
-
-
-
-
PT65502
-
-
Upper actuation
PT65301
PT65501
-
PT65701
Upper actuation
Side actuation
Upper actuation
WITH SPINDLE
WITH SEGMENT WHEEL
FOR ACCESS.
SPINDLES
Length 11,6 mm (standard)
Length 13,3 mm
P/N
U4822
U4824
U4832
COLOURS
black
grey
black
PLASTIC KNOBS
Length 5,3 mm (standard)
Length 15,7 mm
(
(
Length 4,4 mm
(
(
(
P/N
U4906
U4916
U4941
U4943
U4944
U4945
U4946
COLOURS
red
red
blue
green
grey
yellow
red
KNURLED WHEEL
(unmarked - marking
on request)
P/N
U4847/1
COLOUR
white/black
➞ Panel
(.157)
4.00
(.524)
13.30
11.60
(.457)
(.413)
10.50
(.240)
6.10
(.122)
3.10
(.209)
5.30
15.70
(.618)
(.083)
2.10
(.122)
(.161)
3.10
4.10
2.80
(.110)
(.138)
3.50
4.40
(.173)
17.00
(.669)
(.283)
7.20
1.80
(.071)
3.10
(.122)
9.60
(.378)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com