Electronic Components Datasheet Search
  English  ▼

X  

RC0110B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0110B
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0110B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0110B Datasheet HTML 1Page - Solid States Devices, Inc RC0110B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD3126 and SPD3126SMS
ELECTRICAL CHARACTERISTICS 3/
Recovery Time
CHARACTERISTICS
SYMBOL
Std
Fast
uf
UNIT
Maximum Instantaneous Forward Voltage Drop
(TA = 25°C, pulsed)
IF = 0.5 Adc
IF = 1.0 Adc
VF1
VF2
1.9
2.1
3.6
4.8
5.2
6.8
Vdc
Maximum Reverse Leakage Current
(VR = 2.2kV)
(TA = +25°C)
(TA =+100°C)
IR1
IR2
1.0
100
2.0
150
4.0
300
μA
μA
Maximum Junction Capacitance
f = 1MHz, TA = 25°C
VR = 10V
VF = 100V
CJ
12
8
12
8
12
8
pF
Maximum Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
trr
5000
250
70
ns
Minimum Breakdown Voltage
(IR = 50μA)
BVR
2.5
2.5
2.5
kV
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
.110
.132
A
.134
.140
B
.150
.170
B
.200
.225
C
.027
.033
C
.022
.028
D
1.00
---
D
.001
---
AXIAL
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0110B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com