Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3DIPFP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 23Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 24Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 25Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 26Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 27Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 28Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Designing With PowerPAD™ Devices
Using the TSB41BA3D With a 1394-1995 or 1394a-2000 Link Layer
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
The TSB41BA3D is housed in a high-performance, thermally enhanced, 80-terminal PFP PowerPAD package.
Use of the PowerPAD package does not require any special considerations except to note that the thermal pad,
which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor.
Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly techniques)
might be required to prevent any inadvertent shorting by the exposed thermal pad of connection etches or vias
under the package. The recommended option, however, is to not run any etches or signal vias under the device,
but to have only a grounded thermal land as explained In the following paragraphs. Although the actual size of
the exposed die pad can vary, the maximum size required for the keepout area for the 80-terminal PFP
PowerPAD package is 10 mm
נ
10 mm. The actual thermal pad size for the TSB41BA3D is 6 mm × 6 mm.
It is required that there be a thermal land, which is an area of solder-tinned-copper, underneath the PowerPAD
package. The thermal land varies in size, depending on the PowerPAD package being used, the PCB
construction, and the amount of heat that needs to be removed. In addition, the thermal land might or might not
contain numerous thermal vias depending on PCB construction.
Other requirements for thermal lands and thermal vias are detailed in the Texas Instruments PowerPAD™
Thermally Enhanced Package application report (SLMA002) available via the Texas Instruments Web pages at
URL http://www.ti.com.
Figure 9. Example of a Thermal Land for the TSB41BA3D PHY
For the TSB41BA3D, this thermal land must be grounded to the low-impedance ground plane of the device. This
improves not only thermal performance but also the electrical grounding of the device. It is also recommended
that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size
ought to be as large as possible without shorting the device signal terminals. The thermal land can be soldered
to the exposed thermal pad using standard reflow soldering techniques.
Although the thermal land can be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low-impedance ground plane for the device. More
information can be obtained from the Texas Instruments application report PHY Layout (SLLA020).
The TSB41BA3D implements the PHY-LLC interface specified in the 1394b Supplement. This interface is based
on the interface described in Section 17 of IEEE 1394b-2002. When using an LLC that is compliant with the IEEE
1394b-2002 interface, the BMODE input must be tied high.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com