Electronic Components Datasheet Search
  English  ▼

X  

MB88346LP Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB88346LP
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88346LP Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB88346LP Datasheet HTML 6Page - fujitsu semiconductor MB88346LP Datasheet HTML 7Page - fujitsu semiconductor MB88346LP Datasheet HTML 8Page - fujitsu semiconductor MB88346LP Datasheet HTML 9Page - fujitsu semiconductor MB88346LP Datasheet HTML 10Page - fujitsu semiconductor MB88346LP Datasheet HTML 11Page - fujitsu semiconductor MB88346LP Datasheet HTML 12Page - fujitsu semiconductor MB88346LP Datasheet HTML 13Page - fujitsu semiconductor MB88346LP Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MB88346L
10
(3) Analog Block 2
(VDD, VCC
= 2.7 V to 3.6 V (VCC ≥ VDD) , GND = VSS = 0 V, Ta = −20 °C to +85 °C)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Typ
Max
Output minimum
voltage 1
VAOL1
AO1 to AO12
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 0 µA
Digital data
= #00
VSS
⎯
VSS
+ 0.1
V
Output minimum
voltage 2
VAOL2
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 500 µA
Digital data
= #00
VSS
− 0.2
VSS
VSS
+ 0.2
V
Output minimum
voltage 3
VAOL3
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 500 µA
Digital data
= #00
VSS
⎯
VSS
+ 0.2
V
Output minimum
voltage 4
VAOL4
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 1.0 mA
Digital data
= #00
VSS
− 0.3
VSS
VSS
+ 0.3
V
Output minimum
voltage 5
VAOL5
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 1.0 mA
Digital data
= #00
VSS
⎯
VSS
+ 0.3
V
Output maximum
voltage 1
VAOH1
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 0 µA
Digital data
= #FF
VDD
− 0.1
⎯
VDD
V
Output maximum
voltage 2
VAOH2
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 500 µA
Digital data
= #FF
VDD
− 0.2
⎯
VDD
V
Output maximum
voltage 3
VAOH3
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 500 µA
Digital data
= #FF
VDD
− 0.2
VDD
VDD
+ 0.2
V
Output maximum
voltage 4
VAOH4
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 1.0 mA
Digital data
= #FF
VDD
− 0.3
⎯
VDD
V
Output maximum
voltage 5
VAOH5
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 1.0 mA
Digital data
= #FF
VDD
− 0.3
VDD
VDD
+ 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com