Electronic Components Datasheet Search
  English  ▼

X  

MB88347P Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB88347P
Description  R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88347P Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB88347P Datasheet HTML 4Page - fujitsu semiconductor MB88347P Datasheet HTML 5Page - fujitsu semiconductor MB88347P Datasheet HTML 6Page - fujitsu semiconductor MB88347P Datasheet HTML 7Page - fujitsu semiconductor MB88347P Datasheet HTML 8Page - fujitsu semiconductor MB88347P Datasheet HTML 9Page - fujitsu semiconductor MB88347P Datasheet HTML 10Page - fujitsu semiconductor MB88347P Datasheet HTML 11Page - fujitsu semiconductor MB88347P Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MB88347
8
■ ABSOLUTE MAXIMUM RATINGS
* : VCC
≥ VDD
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
■ RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VCC
The case that GND is
reffered.
Ta
= +25 °C
− 0.3
+ 7.0
V
VDD
− 0.3*
+ 7.0*
V
Input voltage
VIN
− 0.3
VCC
+ 0.3
V
Output voltage
VOUT
− 0.3
VCC
+ 0.3
V
Power consumption
PD
⎯⎯
250
mW
Operating temperature
Ta
⎯− 40
+ 85
°C
Storage temperature
Tstg
⎯− 55
+ 150
°C
Parameter
Symbol
Condition
Value
Unit
Min
Max
Power supply Voltage 1
VCC
⎯
4.5
5.5
V
GND
⎯⎯
0V
Power supply Voltage 2
VDD
VDD
− VSS ≥ 2.0 V
2.0
VCC
V
VSS
GND
VCC
− 2.0
V
Analog output source current
IAL
⎯⎯
1.0
mA
Analog output sink current
IAH
⎯⎯
1.0
mA
Oscillation limited output capacitance
COL
⎯⎯
1.0
µF
Digital data setting range
⎯⎯
#00
#FF
⎯
Operating temperature
Ta
⎯
− 40
+ 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com