Electronic Components Datasheet Search
  English  ▼

X  

TP0702CAP Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # TP0702CAP
Description  SMD CAP Hard Ferrite Transponder Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

TP0702CAP Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  TP0702CAP Datasheet HTML 1Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
TP0702CAP
SMD CAP Hard Ferrite Transponder Inductor
Characteristics
- Size: 8.5 x 2.9 x 2.6 mm.
- Very good mechanical performance.
- High sensitivity in the smallest volume
- Very stable electrical properties in full
operational temperature range
(-40 ºC --> +125 ºC).
- Good performance in thermal shock.
- Good cost/performance ratio.
- This component is functional also to
20kHz and 134kHz.
Dimensions
Electrical specications
8.5x2.9x2.6 mm
(2.38 mH – 10.8 mH)
P/N
L (mH)
@125 kHz
Tolerance
Cres (pF)
Q @125 kHz
SRF
(kHz)
Sensitivity
(mVpp/App/m)
@125 kHz
TP0702CAP-0238J
2.38
±5%
680
>30
>750
>25
TP0702CAP-0491J
4.91
±5%
330
>35
>550
>35
TP0702CAP-0720J
7.20
±5%
225
>20
>450
>49
TP0702CAP-0900J
9.00
±5%
180
>25
>400
>53
This chart is a reference guide for the most common required values at working frequency of 125 kHz. Any other inductance value
at LF or tighter tolerances can be provided. Please contact our sales department for any inquiry.
Sensitivity measured with Helmholtz coils H=8.36 App/m @ 125 kHz. Contact us for measurement speci cation.
SRF: Self Resonant Frequency of the coil.
Cres: Capacitor for tuning circuits (125 kHz).
Features
This TP0702 with CAP is a very strong
solution in very small dimensions. The
component
has
very
good
electrical
properties and it is a very good solution
for RTPMS, Keyless Go and Keyless Entry
Systems. On the other hand, the plastic
box, where it is inserted the piece, offers
a special protection to the wound and
facilitates the pick and place.
Recommended pad layout


Similar Part No. - TP0702CAP

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TP0702 PREMO-TP0702 Datasheet
197Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
TP0702-0238J PREMO-TP0702-0238J Datasheet
197Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
TP0702-0238J PREMO-TP0702-0238J Datasheet
113Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
TP0702-0289J PREMO-TP0702-0289J Datasheet
197Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
TP0702-0344J PREMO-TP0702-0344J Datasheet
197Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
More results

Similar Description - TP0702CAP

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TR1504 PREMO-TR1504 Datasheet
210Kb / 1P
SMD Ferrite Transponder Inductor
TP0702 PREMO-TP0702 Datasheet
197Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
TR1102 PREMO-TR1102 Datasheet
429Kb / 2P
SMD Ferrite Transponder Inductor
TP0602 PREMO-TP0602 Datasheet
231Kb / 1P
Micro SMD Hard Ferrite Transponder Inductor
TP0602 PREMO-TP0602_14 Datasheet
64Kb / 1P
Micro SMD Hard Ferrite Transponder Inductor
TP0602-TC PREMO-TP0602-TC Datasheet
150Kb / 1P
Micro SMD Hard Ferrite Telecoil
TP0702 PREMO-TP0702_14 Datasheet
113Kb / 1P
SMD Hard Ferrite Mechanically Improved Transponder Inductor
TR1102 PREMO-TR1102_14 Datasheet
129Kb / 1P
SMD Ferrite Transponder Inductor
TR1102CAP PREMO-TR1102CAP Datasheet
93Kb / 1P
SMD CAP Ferrite Transponder Inductor
logo
Wurth Elektronik GmbH &...
744758368A WURTH-744758368A Datasheet
865Kb / 5P
WE-RFH Ferrite SMD Inductor
2.1 2014-09-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com