Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 350
Description  Programmable XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

350 Datasheet(HTML) 2 Page - Oscilent Corporation

  350 Datasheet HTML 1Page - Oscilent Corporation 350 Datasheet HTML 2Page - Oscilent Corporation 350 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
#4 Case Ground
#5 Output
#8 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Pin 1
Connection
Gullwing
350
- 6.144 M
- 3
E
N
- T
NC
G
Oscilent
Prog.
Clock
Oscillators
Enter your desired
frequency e.g.
12.0M =
12.000MHz See
table below for
standard
frequencies.
5 = 5VDC
3 = 3.3VDC
D = ±100 PPM
E = ±50 PPM
Blank* = 0~+70
N = -40~+85
Blank*= 50±10%
T = 50±5%
NC = No
Connnection
TS = Tri-State
Enable High
Blank* = Std.
G = Gullwing
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
STANDARD OSCILLATOR FREQUENCIES - GUIDE ONLY / OTHER FREQUENCIES AVAILABLE
FREQUENCY (1.000 - 9.8304MHz)
FREQUENCY (10.00 - 24.000MHz)
FREQUENCY (24.576 - 80.000MHz)
1.000
10.00
24.576
1.2288
11.0592
25.000
1.8432
12.000
25.175
2.000
12.288
28.322
2.4576
12.800
30.000
3.579545
14.31818
32.000
3.6864
14.7456
32.514
4.000
15.9744
33.000
4.9152
16.000
35.000
5.000
16.257
40.000
Page 2 of 3
Oscilent Corporation | 350 Series Crystal Oscillator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com