Electronic Components Datasheet Search
  English  ▼

X  

360 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 360
Description  Programmable XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

360 Datasheet(HTML) 1 Page - Oscilent Corporation

  360 Datasheet HTML 1Page - Oscilent Corporation 360 Datasheet HTML 2Page - Oscilent Corporation 360 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Crystal Oscillator
Series Number
Package
Description
Last Modified
360
Metal Dip Full Size
Programmable XO
July 01 2005
FEATURES
- HCMOS/TTL Output compatible
- Wide frequency range
- Low power consumption
- 5V or 3.3V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
1.00 ~ 125.000
1.00 ~ 160.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
a + b + c + d
±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
28 max.
45 max.
mA
Aging
@ 25°C
±5 max.
PPM/Y
Rise Time (TR)
-
4 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS)
nS
Fall Time (TF)
-
4 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS)
nS
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
ms
Jitter
(One Sigma)
±50 max.
ps
PIN CONNECTIONS
#1 No Connection or Tri-State
Enable High
#7 Case Ground
Page 1 of 3
Oscilent Corporation | 360 Series Crystal Oscillator


Similar Part No. - 360

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
360 INTEL-360 Datasheet
2Mb / 95P
Celeron D Processor
360 INTEL-360 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
3M Electronics
360 3M-360 Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
logo
Adafruit Industries
360 ADAFRUIT-360 Datasheet
87Kb / 2P
MiFare Classic (13.56MHz RFID/NFC) White Tag - 1KB
7/21/2015
More results

Similar Description - 360

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI570 SILABS-SI570 Datasheet
315Kb / 26P
ANY-RATE I2C PROGRAMMABLE XO/VCXO
logo
Oscilent Corporation
360-4.000M-3DNTTS OSCILENT-360-4.000M-3DNTTS Datasheet
145Kb / 3P
Metal Dip Full Size Programmable XO
logo
Integrated Device Techn...
IDT8N4Q001 IDT-IDT8N4Q001 Datasheet
200Kb / 20P
Quad-Frequency Programmable XO
logo
Oscilent Corporation
350 OSCILENT-350 Datasheet
143Kb / 3P
Programmable XO
logo
Integrated Device Techn...
IDT8N0Q001 IDT-IDT8N0Q001 Datasheet
446Kb / 17P
Quad-Frequency Programmable XO
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Integrated Device Techn...
IDT8N3Q001 IDT-IDT8N3Q001 Datasheet
216Kb / 21P
Quad-Frequency Programmable XO
logo
Renesas Technology Corp
IDT8N0Q001 RENESAS-IDT8N0Q001 Datasheet
815Kb / 18P
Quad-Frequency Programmable XO
APRIL 4, 2014
IDT8N3Q001 RENESAS-IDT8N3Q001 Datasheet
455Kb / 22P
Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
Quad-Frequency Programmable XO
MARCH 6, 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com