Electronic Components Datasheet Search
  English  ▼

X  

433 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 433
Description  Ultra Low Jitter 1pS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

433 Datasheet(HTML) 1 Page - Oscilent Corporation

  433 Datasheet HTML 1Page - Oscilent Corporation 433 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
433
7 x 5 SMD Ceramic
Ultra Low Jitter 1pS
Jan. 01 2007
FEATURES
- Ultra low jitter at 1 ps
- Low power consumption
- Standby function
- Tape and Reel
- Miniature profile
- 3.3V or 5.0V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
1.544 ~ 133.333
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Frequency Stability
a + b + c + d
±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±10%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
12 ~ 60 max.
25 ~ 100 max.
mA
Aging
@ 25°C
±5 max.
PPM/Y
Rise Time (TR) / Fall Time (TF)
-
8 max. (0.4V to 2.4V w/ TTL, 20% ~ 80% / HCMOS)
nS
PIN 1 Tri-State
-
Option
-
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
1~ 35 MHz
4 max.
mS
35 ~ 125.000 MHz
10 max.
Jitter
(Bandwidth 12Khz ~ 20Mhz)
±1
ps RMS
PIN CONNECTIONS
Page 1 of 2
Oscilent Corporation | 433 Series Surface Mount Crystal Oscillators


Similar Part No. - 433

ManufacturerPart #DatasheetDescription
logo
Littelfuse
433 LITTELFUSE-433 Datasheet
51Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
3M Electronics
433 3M-433 Datasheet
48Kb / 3P
433 High Temperature Aluminium Foil Tape
Mar-1996
logo
TE Connectivity Ltd
433 TEC-433 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
433 ADAFRUIT-433 Datasheet
111Kb / 2P
Medium Modular Snap Boxes - SMD component storage - 2 pack - Pink
7/23/2015
logo
Keystone Electronics Co...
433 KEYSTONE-433 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 433

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
Ultra Low Jitter.
logo
Oscilent Corporation
433-24.0M-5DC-TNC OSCILENT-433-24.0M-5DC-TNC Datasheet
134Kb / 2P
7 x 5 SMD Ceramic Ultra Low Jitter 1pS
logo
Vectron International, ...
VC-806 VECTRON-VC-806 Datasheet
176Kb / 7P
Ultra Low Jitter Performance
VCC6 VECTRON-VCC6_11 Datasheet
185Kb / 7P
Ultra Low Jitter Performance
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
IQD Frequency Products ...
IQXO-87 IQD-IQXO-87 Datasheet
194Kb / 3P
1ps integrated RMS phase jitter (12kHz to 20MHz)
logo
TEMEX
RVG1490L TEMEX-RVG1490L Datasheet
722Kb / 2P
GHZ AND ULTRA-LOW JITTER
RXG1490L TEMEX-RXG1490L Datasheet
729Kb / 2P
GHZ AND ULTRA-LOW JITTER
logo
Raltron Electronics Cor...
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
Ultra low phase jitter: 0.5ps
CMC503 RALTRON-CMC503 Datasheet
734Kb / 6P
Ultra low phase jitter: 0.5ps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com