Electronic Components Datasheet Search
  English  ▼

X  

640 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 640
Description  Quartz Stability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

640 Datasheet(HTML) 1 Page - Oscilent Corporation

  640 Datasheet HTML 1Page - Oscilent Corporation 640 Datasheet HTML 2Page - Oscilent Corporation 640 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
..
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
640
T0-39
One-Port 180° SAW
Jan. 01 2002
FEATURES
- Quartz Stability
- Industry standard package
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CHARACTERISTICS
UNITS
Center Frequency
Fc
260.0 ~ 980.0 ±0.075
MHz
Insertion Loss
IL
1.5
dB
Unloaded Q
-
12000
-
50 Ohms Loaded Q
-
2000
-
Turnover Temperature
To
35
°C
Freq. Temp. Coefficient
FTC
0.037
PPM/°C
Frequency Aging
IfAI
10 max. typ.
PPM/Y
DC Insulation Resistance
Between any 2 pins
1 min.
Mohm
Turnover Frequency
Fo
Fc ±1.3
KHz
Operating Temperature
TOPR
-10 to +60
°C
Package
-
T0-39
-
Page 1 of 3
Oscilent Corporation | 640
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-640.html


Similar Part No. - 640

ManufacturerPart #DatasheetDescription
logo
Littelfuse
640 LITTELFUSE-640 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
640 LITTELFUSE-640 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
logo
3M Electronics
640 3M-640 Datasheet
567Kb / 6P
3M™ Scotch® Transparent Film Tape 640
Oct-2016
logo
France Joint
640 FRANCEJOINT-640 Datasheet
368Kb / 3P
ROD SEALS
logo
Littelfuse
640 LITTELFUSE-640 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 640

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3018B RFM-SC3018B Datasheet
102Kb / 2P
Quartz SAW Frequency Stability
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
Epson Company
TG-5006CG EPSON-TG-5006CG Datasheet
393Kb / 2P
HIGH STABILITY
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
HIGH STABILITY
logo
Nel Frequency Controls,...
S9-XB3XXX-X NEL-S9-XB3XXX-X Datasheet
147Kb / 4P
quartz crystal oscillators provide excellent temperature stability with HCMOS output and very low phase noise
logo
Solid State Optronic
SAT1670 SSOUSA-SAT1670 Datasheet
392Kb / 8P
High stability
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
High Stability
logo
ECS, Inc.
ECS-DR2R ECS-ECS-DR2R Datasheet
190Kb / 1P
Quartz Stability
logo
Epson Company
TG2016SBN EPSON-TG2016SBN Datasheet
632Kb / 2P
HIGH STABILITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com