Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 641
Description  Two-Port 180째 SAW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

641 Datasheet(HTML) 1 Page - Oscilent Corporation

  641 Datasheet HTML 1Page - Oscilent Corporation 641 Datasheet HTML 2Page - Oscilent Corporation 641 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
..
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
641
T0-39
Two-Port 180° SAW
Jan. 01 2002
FEATURES
- Quartz Stability
- 180° nominal insertion phase at resonance
- Industry standard package
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CHARACTERISTICS
UNITS
Center Frequency
Fc
384.05 ~ 433.92 ±0.075
MHz
Insertion Loss
IL
6.0
dB
Unloaded Q
-
13000
-
50 Ohms Loaded Q
-
6000
-
Turnover Temperature
To
35
°C
Freq. Temp. Coefficient
FTC
0.037
PPM/°C
Frequency Aging
IfAI
10 max. typ.
PPM/Y
DC Insulation Resistance
Between any 2 pins
1 min.
Mohm
Turnover Frequency
Fo
Fc ±21
KHz
Operating Temperature
TOPR
-10 to +60
°C
Package
-
T0-39
-
Page 1 of 3
Oscilent Corporation | 641
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-641.htm


Similar Part No. - 641

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
641 INTEL-641 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
logo
Willow Technologies Ltd
641 WILLOW-641 Datasheet
521Kb / 2P
Fast Switching Speed Where speed is important
logo
Teledyne Technologies I...
641 TELEDYNE-641 Datasheet
521Kb / 2P
AC Solid-State Relay
logo
Adafruit Industries
641 ADAFRUIT-641 Datasheet
124Kb / 2P
Stainless Medium Conductive Thread - 3 ply - 18 meter/60 ft
7/24/2015
logo
WERMA Signaltechnik Gmb...
641 WERMA-641 Datasheet
58Kb / 1P
Permanent light element 641
2001-11-06
More results

Similar Description - 641

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTQ433 ACT-ACTQ433 Datasheet
63Kb / 3P
two-port, 180째 surface-acoustic-wave (SAW) resonator
SEPT 04
logo
ECS, Inc.
ECS-DR2 ECS-ECS-DR2 Datasheet
185Kb / 1P
TWO-PORT 180째 SAW RESONATOR
logo
Vanlong Technology Co.,...
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
403.55 MHz Two-Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
418.00 MHz Two-Port SAW Resonator
SQ865 VANLONG-SQ865 Datasheet
115Kb / 2P
865.00 MHz Two-Port SAW Resonator
SQ868M30 VANLONG-SQ868M30 Datasheet
125Kb / 2P
868.30 MHz Two-Port SAW Resonator
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
One-Port 180째 SAW
641-384.05M OSCILENT-641-384.05M Datasheet
139Kb / 3P
Two-Port 180째 SAW
643-418.0M OSCILENT-643-418.0M Datasheet
124Kb / 2P
Two-Port SAW
643 OSCILENT-643 Datasheet
124Kb / 2P
Two-Port SAW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com