Electronic Components Datasheet Search
  English  ▼

X  

642 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 642
Description  One-Port SAW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

642 Datasheet(HTML) 1 Page - Oscilent Corporation

  642 Datasheet HTML 1Page - Oscilent Corporation 642 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
..
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
642
F-11 Narrow Band
One-Port SAW
Jan. 01 2002
FEATURES
- Quartz Stability
- Industry standard package
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CHARACTERISTICS
UNITS
Center Frequency
Fc
314.5 ~ 980.0 ±0.075
MHz
Insertion Loss
IL
1.5
dB
Unloaded Q
-
12000
-
50 Ohms Loaded Q
-
2000
-
Turnover Temperature
To
35
°C
Freq. Temp. Coefficient
FTC
0.037
PPM/°C
Frequency Aging
IfAI
10 max. typ.
PPM/Y
DC Insulation Resistance
Between any 2 pins
1 min.
Mohm
Turnover Frequency
Fo
Fc ±1.3
KHz
Operating Temperature
TOPR
-10 to +60
°C
Package
-
F-11
-
Page 1 of 2
Oscilent Corporation | 642
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-642.htm


Similar Part No. - 642

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
642 ADAFRUIT-642 Datasheet
131Kb / 2P
High Temp Waterproof DS18B20 Digital temperature sensor extras
5-5-17
logo
WERMA Signaltechnik Gmb...
642 100 75 WERMA-642 100 75 Datasheet
507Kb / 7P
Protection rating IP65
642 100 77 WERMA-642 100 77 Datasheet
507Kb / 7P
Protection rating IP65
642 100 78 WERMA-642 100 78 Datasheet
507Kb / 7P
Protection rating IP65
642 200 75 WERMA-642 200 75 Datasheet
507Kb / 7P
Protection rating IP65
More results

Similar Description - 642

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
One-port SAW Resonator
ECS-SDR1 ETC1-ECS-SDR1 Datasheet
160Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
ONE-PORT SAW RESONATOR
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
SMD ONE PORT SAW RESONATOR
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
One-Port 180째 SAW
642-314.5M OSCILENT-642-314.5M Datasheet
125Kb / 2P
One-Port SAW
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
One-Port SMD SAW Resonator
09.22.15
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
One Port Saw Resonator
2-6-2011
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com