Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 660
Description  Discriminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

660 Datasheet(HTML) 1 Page - Oscilent Corporation

  660 Datasheet HTML 1Page - Oscilent Corporation 660 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ceramic Resonator
Series Number
Package
Description
Last Modified
660 ~ 661
Low Profile for TV
Discriminator
Jan. 01 2007
FEATURES
- Low profile
- Wide frequency range
- Extended temperature range
- High stability
- RoHs Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
Series No.
Frequency
Range
Recovered Audio
Output Voltage
Recovered Audio
3dB Band Width
Distortion
Faction
Detection
Mode
Applied IC
(MHz)
(mv) min.
(KHz) min.
(%) max.
-
-
660
4.5
100
±40
3
Differential
Peak
TA7176, AN241, uPC1353C,
LA1365, CA3065
5.5 ~ 6.5
±50
661
4.5
140
±50
1.5
Quadrature
uPC1382C, LA7520, uPC1391H,
TA7146P, TBA120T, M51316P
5.5 ~ 6.5
±60
PART NUMBER GUIDE
Page 1 of 2
Oscilent Corporation | 660 - 661


Similar Part No. - 660

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
Power toggle switches ??metal lever
logo
TT Electronics.
660 TTELEC-660 Datasheet
221Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
574Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5×20mm Fuses
Revised: 06/03/15
More results

Similar Description - 660

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
660-4.5M OSCILENT-660-4.5M Datasheet
142Kb / 2P
Discriminator
662-10.7M-G1 OSCILENT-662-10.7M-G1 Datasheet
141Kb / 2P
Discriminator
logo
Shenzhen Luguang Electr...
JTCV107MG82 LUGUANG-JTCV107MG82 Datasheet
207Kb / 8P
CERAMIC DISCRIMINATOR
455C54 LUGUANG-455C54 Datasheet
422Kb / 3P
Ceramic Discriminator
CDBC455C28 LUGUANG-CDBC455C28 Datasheet
252Kb / 3P
Ceramic Discriminator
CDBC450C54 LUGUANG-CDBC450C54 Datasheet
212Kb / 3P
Ceramic Discriminator
CDBM455C28 LUGUANG-CDBM455C28 Datasheet
257Kb / 4P
Ceramic Discriminator
JTCV10.7MG48 LUGUANG-JTCV10.7MG48 Datasheet
260Kb / 7P
Ceramic Discriminator
JT10.7MG33 LUGUANG-JT10.7MG33 Datasheet
251Kb / 5P
Ceramic Discriminator
logo
Oscilent Corporation
662 OSCILENT-662 Datasheet
141Kb / 2P
Discriminator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com