Electronic Components Datasheet Search
  English  ▼

X  

MB89623 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89623
Description  8-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89623 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89623 Datasheet HTML 22Page - fujitsu semiconductor MB89623 Datasheet HTML 23Page - fujitsu semiconductor MB89623 Datasheet HTML 24Page - fujitsu semiconductor MB89623 Datasheet HTML 25Page - fujitsu semiconductor MB89623 Datasheet HTML 26Page - fujitsu semiconductor MB89623 Datasheet HTML 27Page - fujitsu semiconductor MB89623 Datasheet HTML 28Page - fujitsu semiconductor MB89623 Datasheet HTML 29Page - fujitsu semiconductor MB89623 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
MB89620 Series
26
s I/O MAP
(Continued)
Address
Read/write
Register name
Register description
00H
(R/W)
PDR0
Port 0 data register
01H
(W)
DDR0
Port 0 data direction register
02H
(R/W)
PDR1
Port 1 data register
03H
(W)
DDR1
Port 1 data direction register
04H
(R/W)
PDR2
Port 2 data register
05H
(R/W)
BCTR
External bus pin control register
06H
Vacancy
07H
Vacancy
08H
(R/W)
STBC
Standby control register
09H
(R/W)
WDTC
Watchdog timer control register
0AH
(R/W)
TBTC
Time-base timer control register
0BH
Vacancy
0CH
(R/W)
PDR3
Port 3 data register
0DH
(W)
DDR3
Port 3 data direction register
0EH
(R/W)
PDR4
Port 4 data register
0FH
(R/W)
BZCR
Buzzer register
10H
(R/W)
PDR5
Port 5 data register
11H
(R)
PDR6
Port 6 data register
12H
(R/W)
CNTR
PWM control register 1
13H
(W)
COMR
PWM compare register
14H
(R/W)
PCR1
PWC pulse width control register 1
15H
(R/W)
PCR2
PWC pulse width control register 2
16H
(R/W)
RLBR
PWC reload buffer register
17H
Vacancy
18H
(R/W)
TMCR
16-bit timer control register
19H
(R/W)
TCHR
16-bit timer count register (H)
1AH
(R/W)
TCLR
16-bit timer count register (L)
1BH
Vacancy
1CH
(R/W)
SMR1
Serial I/O 1 mode register
1DH
(R/W)
SDR1
Serial I/O 1 data register
1EH
(R/W)
SMR2
Serial I/O 2 mode register
1FH
(R/W)
SDR2
Serial I/O 2 data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com