Electronic Components Datasheet Search
  English  ▼

X  

MB89174APF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89174APF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174APF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89174APF Datasheet HTML 35Page - fujitsu semiconductor MB89174APF Datasheet HTML 36Page - fujitsu semiconductor MB89174APF Datasheet HTML 37Page - fujitsu semiconductor MB89174APF Datasheet HTML 38Page - fujitsu semiconductor MB89174APF Datasheet HTML 39Page - fujitsu semiconductor MB89174APF Datasheet HTML 40Page - fujitsu semiconductor MB89174APF Datasheet HTML 41Page - fujitsu semiconductor MB89174APF Datasheet HTML 42Page - fujitsu semiconductor MB89174APF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
MB89170/170A/170L Series
s EXAMPLE CHARACTERISTICS
VIHS
VILS
0.00
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN (V)
VCC (V)
1.00 2.00 3.00 4.00 5.00 6.00 7.00
TA = +25
°C
VIHS :
VILS :
Threshold when input voltage in hysteresis characteristics
is set to “H” level
Threshold when input voltage in hysteresis characteristics
is set to “L” level
VIN vs. VCC
0.00
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN (V)
VCC (V)
1.00
2.00
3.00
4.00
5.00
6.00
7.00
TA = +25
°C
VIN vs. VCC
(1) “L” Level Output Voltage
(2) “H” Level Output Voltage
(3) “H” Level Input Voltage/“L”ow Level Input
(4) “H” Level Input Voltage/“L” Level Input
Voltage (CMOS Input)
Voltage (Hysteresis Input)
VOL (V)
VCC = 4.0 V
VCC = 5.0 V
VCC = 6.0 V
IOL (mA)
0
1
2
34567
8
9
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
1.1
VCC = 2.5 V
VCC = 2.2 V
VCC = 3.0 V
TA = +25
°C
VOL vs. IOL
VCC – VOH (V)
VCC = 6.0 V
VCC = 5.0 V
VCC = 4.0 V
IOH (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
1.1
VCC = 2.5 V
VCC = 2.2 V
0.0
VCC = 3.0 V
TA = +25
°C
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
VCC – VOH vs. IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com