Electronic Components Datasheet Search
  English  ▼

X  

RC0114B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0114B
Description  Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0114B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0114B Datasheet HTML 1Page - Solid States Devices, Inc RC0114B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0114B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD39 __ __ __
└
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└ Pin Configuration
(See Table 1)
__ = Normal (Cathode
to Stud)
R = Reverse (Anode to
Stud)
│
│
│
│
│
│
│
│
│
└ Family/Voltage
09 = 50V
10 = 100V
11 = 200V
12 = 300V
13 = 400V
SPD3909
Thru
SPD3913
30A, 200nsec, 50-400 V
Fast Recovery Rectifier
Features:
•
Fast Recovery: 200nsec Maximum (100nsec
typ.)
3/
•
Low Reverse Leakage Current
•
Single Chip Construction
•
PIV to 400V, Higher Voltages Available
•
Hermetically Sealed Isolated Package
•
High Surge Rating
•
Replacement for 1N3909, 1N3910, 1N3911,
1N3912, and 1N3913
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings 4/
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SPD3909
SPD3910
SPD3911
SPD3912
SPD3913
VRRM
VRWM
VR
50
100
200
300
400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
300
Amps
Operating & Storage Temperature
TOP
TSTG
-55 to +150
-65 to +175
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.2
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA.
4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C.
DO-5:


Similar Part No. - RC0114B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0114B SSDI-RC0114B_15 Datasheet
75Kb / 2P
Fast Recovery Rectifier
More results

Similar Description - RC0114B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com