Electronic Components Datasheet Search
  English  ▼

X  

RC0128D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0128D
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0128D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0128D Datasheet HTML 1Page - Solid States Devices, Inc RC0128D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0128D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SER30 __ 60 __
L
Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Voltage
L Configuration
KB = without lead
KE = with lead
SER30KB60 / SER30KE60
Series
30 AMP 300-600 VOLT
ULTRAFAST POWER
SURFACE MOUNT RECTIFIER
FEATURES:
 Low Reverse Leakage
 Low Forward Voltage Drop
 Hermetically Sealed Power Surface Mount
Package
TX, TXV, and Space Level Screening
Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SER30KE30, SER30KB30
SER30KE40, SER30KB40
SER30KE50, SER30KB50
SER30KE60, SER30KB60
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
400
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +200
oC
Maximum Thermal Resistance
Junction to Case
RJC
1.2
oC/W
CASE OUTLINE: KB60 Series
CASE OUTLINE: KE60 Series


Similar Part No. - RC0128D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0128D SSDI-RC0128D_15 Datasheet
49Kb / 2P
ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results

Similar Description - RC0128D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com