Electronic Components Datasheet Search
  English  ▼

X  

PDTC115T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC115T
Description  NPN resistor-equipped transistors; R1 =100 kW, R2 open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115T Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC115T Datasheet HTML 1Page - NXP Semiconductors PDTC115T Datasheet HTML 2Page - NXP Semiconductors PDTC115T Datasheet HTML 3Page - NXP Semiconductors PDTC115T Datasheet HTML 4Page - NXP Semiconductors PDTC115T Datasheet HTML 5Page - NXP Semiconductors PDTC115T Datasheet HTML 6Page - NXP Semiconductors PDTC115T Datasheet HTML 7Page - NXP Semiconductors PDTC115T Datasheet HTML 8Page - NXP Semiconductors PDTC115T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
5 of 10
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
7.
Characteristics
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB = 0 A
--1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC = 1 mA
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = 5 mA; IB = 0.25 mA
-
-
150
mV
R1
bias resistor 1 (input)
70
100
130
k
Ω
Cc
collector capacitance
IE =ie = 0 A; VCB =10V;
f=1MHz
-
-
2.5
pF
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa058
IC (mA)
10−1
102
10
1
103
hFE
102
(1)
(2)
(3)
006aaa059
IC (mA)
10−1
102
10
1
10−1
1
VCEsat
(V)
10−2
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com