Electronic Components Datasheet Search
  English  ▼

X  

RC0129A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0129A
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0129A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0129A Datasheet HTML 1Page - Solid States Devices, Inc RC0129A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0129A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR1 __
__ __
__
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
└
Reverse Recovery
HF = Hyper Fast
│
│
│
│
│
│
│
│
│
│
│
│
└ Family/Voltage P = 1300 V
R = 1400 V
S = 1500 V
T = 1600 V
V = 1700 V
W = 1800 V
SDR1PHF thru SDR1WHF
and
SDR1PHFSMS and SDR1WHFSMS
1 AMP
HYPER FAST RECTIFIER
1300 ─ 1800 VOLTS
40 nsec
FEATURES:
•
Hyper Fast Recovery: 40 ns Max @ 25
°C 4/
•
Single Chip Construction
•
PIV to 1800 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
For High Efficiency Applications
•
Available in Axial and Surface Mount
Versions
•
Metallurgically Bonded
•
TX, TXV, and S-Level Screening Available
2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage And
DC Blocking Voltage
SDR1PHF
SDR1RHF
SDR1SHF
SDR1THF
SDR1VHF
SDR1WHF
VRRM
VRWM
VR
1300
1400
1500
1600
1700
1800
Volts
Rectified Forward Forward Current
(Resistive Load, 60 Hz, Sine Wave, TL = 25°C, L = 1/8”)
IO
1.0
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25°C)
IFSM
12
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance, Junction to Lead, L = 3/8” (Axial)
Junction to End Tab (SMS)
RθJL
RθJE
35
28
°C/W
Axial Lead
SMS
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
5/ For information on operating curves, contact factory.


Similar Part No. - RC0129A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0129A SSDI-RC0129A_15 Datasheet
114Kb / 2P
HYPER FAST RECTIFIER
More results

Similar Description - RC0129A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com