Electronic Components Datasheet Search
  English  ▼

X  

RC0131A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0131A
Description  RADIATION DETECTOR PIN DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0131A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0131A Datasheet HTML 1Page - Solid States Devices, Inc RC0131A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0131A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD9442 __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
SPD9442
RADIATION DETECTOR
PIN DIODE
FEATURES:
High Photocurrent Sensitivity
Linear Output > 4 Decades*
Fast Rise Time: < 20 nsec
High Reliability Construction
Tungsten Pins
Hardness to Neutron Bombardment
Low Operating Voltage
Wide Dynamic Range
Effective Detector of Nuclear and
Electromagnetic Radiation (i.e. Gamma
Radiation, Electrons, and X-rays)
Not Restricted to Use at Low Temperatures;
Temperature range of -65°C to +200°C
Available in Surface Mount
Higher Performance than Unitrode’s UM9442
TX, TXV, and S-Level Screening Available
2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VR
100
Volts
Photocurrent
IP
5
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +200
°C
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Axial Leaded
Surface Mount
Square Tab


Similar Part No. - RC0131A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0131A SSDI-RC0131A_15 Datasheet
134Kb / 2P
PIN DIODE
More results

Similar Description - RC0131A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE555 NTE-NTE555 Datasheet
20Kb / 2P
Silicon Pin Diode UHF/VHF Detector
logo
Microsemi Corporation
UM9441 MICROSEMI-UM9441 Datasheet
99Kb / 2P
PIN RADIATION DETECTORS
logo
NEC
PH313 NEC-PH313 Datasheet
36Kb / 2P
SILICON EPITAXIAL PLANAR PIN PHOTO DIODE DETECTOR
logo
Solid States Devices, I...
SPD9441 SSDI-SPD9441 Datasheet
84Kb / 1P
RADIATION DETECTOR AXIAL LEADED PIN DIODE
SPD9442 SSDI-SPD9442 Datasheet
83Kb / 1P
RADIATION DETECTOR AXIAL LEADED PIN DIODE
SPD1511 SSDI-SPD1511 Datasheet
191Kb / 2P
RADIATION DETECTOR AXIAL PIN DIODE
logo
Microsemi Corporation
UM9441 MICROSEMI-UM9441_06 Datasheet
196Kb / 4P
PIN RADIATION DETECTORS
logo
Solid States Devices, I...
SPD9441 SSDI-SPD9441_1 Datasheet
137Kb / 2P
RADIATION DETECTOR PIN DIODE
SPD9442 SSDI-SPD9442_1 Datasheet
134Kb / 2P
RADIATION DETECTOR PIN DIODE
RC0130A SSDI-RC0130A Datasheet
137Kb / 2P
RADIATION DETECTOR PIN DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com