Electronic Components Datasheet Search
  English  ▼

X  

RC0132A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0132A
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0132A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0132A Datasheet HTML 1Page - Solid States Devices, Inc RC0132A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0132A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD10
__ __
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└
Pin Configuration __ = Normal (Cathode to Stud)
(See Table 1)
R = Reverse (Anode to Stud)
│
│
│
│
│
│
│
│
└ Family/Voltage
192 = 800V
194 = 1000V
195 = 1100V
196 = 1200V
197 = 1300V
198 = 1400V
SPD10192
Thru
SPD10198
35 Amp
FAST RECOVERY
RECTIFIER
800 - 1400 Volt
250 nsec
Features:
•
Fast Recovery: 250 nsec maximum
•
PIV to 1400V
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
Single Chip Construction
•
High Surge Rating
•
Low Thermal Resistance
•
Ultra Fast and Hyper Fast Recovery Versions
Available*
•
For Reverse Polarity Add Suffix “R”
•
TX, TXV, and S-Level Screening Available
2/
*Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking
Voltage
SPD10192
SPD10194
SPD10195
SPD10196
SPD10197
SPD10198
VRRM
VRWM
VR
800
1000
1100
1200
1300
1400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
35
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
500
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +150
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.0
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5:


Similar Part No. - RC0132A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0132A SSDI-RC0132A_15 Datasheet
78Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - RC0132A

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com