Electronic Components Datasheet Search
  English  ▼

X  

2005 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2005
Description  Its a complete tool kit that fits in your palm.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2005 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2005 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
The premium engineering delivers
smooth operation — you’ll immediately
feel the difference .... from start to finish.
Compound Leverage™ Gear System
Compound Leverage™ System:
■ Patented by SOG Specialty Knives,
Compound Leverage™ generates
double the gripping and wire
cutting power than all other
multi-tool designs.
■ The special geared design creates
greater leverage and smoother
handle movement than ordinary
multi-tools.
■ Minimizes the amount of hand
force required for maximum torque.
Multi-
Tools
110 Punchdown Tool
66 Punchdown Tool
UTP Round Wire Stripper
Extra Large Wire Cutter (up to 10 AWG Romex)
Large Wire Cutter (up to 12 AWG Romex)
Wire Cutter (up to Cat5e UTP cable)
Hard Wire Cutter Notch
18/20/22/24 AWG Wire Strippers
10 AWG Wire Stripper
12 AWG Wire Stripper
14 AWG Wire Stripper
Needle Nose & Gripping Pliers
Drywall Punch
Drywall Saw
24-18 AWG & 18-14 AWG Lug Crimpers
Wire Hook & Spudger
1/4” Socket Drive & Hex Bit Adapter
#4 & #6 Slotted Screwdrivers
#1 Phillips Screwdriver
SOG Serrated Knife
3-in-1 File and Bottle Opener
7/16” & 3/8” Nut Drivers
Ruler & Lanyard
Pivoting Handle Covers for comfortable grip
Powerlock™ locks components in place while in use
PowerPlay Multi-Tool Family
PT-540
PT-525
PT-510
••
•
••
••
•
•
•
••
•
••
•
•
••
•
••
•
••
•
••
•
••
••
••
•
••
•
••
•
••
•
•
••
•
••
••
••
•
••
••
•
•
•
••
•
••
•
•
••
•
••
•
••
•
••
•
••
••
••
•
••
•
••
•
••
•
•
••
•
••
••
■ Rough-in outlet boxes with
drywall punch and saw
■ Cut and strip Romex®, Cat5e and
other low voltage wires and cables
■ Terminate 110 & 66 blocks with
punchdown tools
■ Crimp terminal lugs for security
and other low voltage
■ Patented gear system delivers 2X
the power for cutting and stripping
■ Effortless one-handed
flip-open
■ Field-replaceable
folding components
PowerPlay is the only tool designed just
for datacomm, telecom and electrical
wiring professionals. And it does it all ...
from start to finish.
PT-525
is beyond ordinary!
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com