Electronic Components Datasheet Search
  English  ▼

X  

RC0135A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0135A
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0135A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0135A Datasheet HTML 1Page - Solid States Devices, Inc RC0135A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0135A
DOC
CHARACTERISTICS
SYMBOL
MAX
UNIT
Max Instantaneous Forward Voltage Drop
(IF = 30Adc, TC = 25°C, 300 μs Pulse)
VF2
1.7
Vdc
Max Instantaneous Forward Voltage Drop
(IF = 30Adc, TC = 100°C, 300 μs Pulse)
VF1
1.5
Vdc
Max Reverse Leakage Current
(TC = 25°C)
SDR933/61, VR = 300V
SDR934/61, VR = 400V
SDR935/61, VR = 500V
SDR936/61, VR = 600V
IR1
100
μAdc
Maximum Reverse Leakage Current
(Rated VR, TC = 100°C)
SDR933/61, VR = 300V
SDR934/61, VR = 400V
SDR935/61, VR = 500V
SDR936/61, VR = 600V
IR2
5.0
mAdc
Max Junction Capacitance
(TA = 25°C, VR = 10V)
CJ
250
pf
CHARACTERISTICS
SYMBOL
TYP
MAX
UNIT
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA)
(IF = 1A to VR = 30Vdc)
trr
30
35
nsec
Case Outline: 2 Pin TO-61
.875
.640
.460
.325
Ø.072
.047
SITTING PLANE
Ø.687
.610
.415
.340
1
2
2
.270
MAX
3
NOTES:
DIMENSION DOES NOT
INCLUDE SEALING FLANGES.
PACKAGE CONTOUR OPTIONAL
WITHIN DIMENSIONS SPECIFIED.
POSITION OF LEADS IN RELATION
TO HEXAGON IS NOT CONTROLLED.
3
2
1
Ø.610
.570
.090
MAX
.455
.422
Ø.249
.220
1/4-28 UNF-2A
.150
.090
.687
.667
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR933/61
thru
SDR936/61



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com