Electronic Components Datasheet Search
  English  ▼

X  

RC0137A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0137A
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0137A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0137A Datasheet HTML 1Page - Solid States Devices, Inc RC0137A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0137A
DOC
ELECTRICAL CHARACTERISTICS3/
CHARACTERISTICS
SYMBOL MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(pulsed)
IF = 7.0 Adc, TA = +25°C
IF = 3.0 Adc, TA = +25°C
IF = 7.0 Adc, TA = -55°C
VF1
VF2
VF3
1.55
1.30
1.65
Vdc
Reverse Leakage Current
(VR = 80% rated)
TA = +25°C
TA =+100°C
IR1
IR2
2.0
80
μA
Minimum Breakdown Voltage
(IR = 50 uA)
SDR7PF
SDR7RF
SDR7TF
BVR
1300
1400
1500
V
(min)
Junction Capacitance
(VR = 10 Vdc, f = 1MHz, TA = 25°C)
CJ
50
pF
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C)
trr
200
ns
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
---
.170
A (SMS)
.170
.180
B
.210
.250
B
.260
.300
C
.037
.043
C
.020
.030
D
1.000
---
D
.002
---
AXIAL
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR7PF thru SDR7TF
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com