Electronic Components Datasheet Search
  English  ▼

X  

RC0153A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0153A
Description  STANDARD RECOVERY HIGH POWER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0153A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0153A Datasheet HTML 1Page - Solid States Devices, Inc RC0153A Datasheet HTML 2Page - Solid States Devices, Inc RC0153A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0153A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR100S__
__ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration (See Table 1)
__ = Normal (Cathode to Stud)
R = Reverse (Anode to Stud)
Family/Voltage
20 = 200V
30 = 300V
40 = 400V
50 = 500V
SDR100S20
thru
SDR100S50
100 Amp
STANDARD RECOVERY
HIGH POWER RECTIFIER
200-500 Volt
5 µsec
Features:
Low Reverse Leakage Current
Single Chip Construction
PIV to 500V
Hermetically Sealed
Low Thermal Resistance
Higher Voltage Devices Up to 1KV Available*
Fast and Ultra Fast Recovery Versions Available*
For Reverse Polarity Add Suffix “R”
TX, TXV, and S-Level Screening Available
2/
*Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse
and DC Blocking Voltage
SDR100S20
SDR100S30
SDR100S40
SDR100S50
VRRM
VRWM
VR
200
300
400
500
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25°C)
Io
100
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
1000
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
RJC
0.85
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5


Similar Part No. - RC0153A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0153A SSDI-RC0153A_15 Datasheet
93Kb / 3P
STANDARD RECOVERY HIGH POWER RECTIFIER
More results

Similar Description - RC0153A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA5000 SSDI-SDA5000_1 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDR100S20 SSDI-SDR100S20 Datasheet
93Kb / 3P
STANDARD RECOVERY HIGH POWER RECTIFIER
SDRP600S10 SSDI-SDRP600S10 Datasheet
194Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
RC0079A SSDI-RC0079A_15 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
RC0153A SSDI-RC0153A_15 Datasheet
93Kb / 3P
STANDARD RECOVERY HIGH POWER RECTIFIER
RP0003A SSDI-RP0003A_15 Datasheet
194Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0009 SSDI-RP0009_15 Datasheet
202Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0011 SSDI-RP0011_15 Datasheet
201Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0015 SSDI-RP0015_15 Datasheet
201Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0017 SSDI-RP0017_15 Datasheet
200Kb / 2P
STANDARD RECOVERY HIGH CURRENT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com