Electronic Components Datasheet Search
  English  ▼

X  

RC0156A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0156A
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0156A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0156A Datasheet HTML 1Page - Solid States Devices, Inc RC0156A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0156A
DOC
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC unless specified)
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 20A pulsed)
VF1
1.4
V
Instantaneous Forward Voltage Drop
(IF = 20A pulsed, TA = -65
oC )
VF2
1.6
V
Reverse Leakage Current
(Rated VR, pulsed)
IR1
10
A
Reverse Leakage Current
(Rated VR, pulsed, TA = 100
oC)
IR1
1
mA
Breakdown Voltage
(IR = 100 A)
BVR
400
V
(min)
Junction Capacitance
(VR =10 VDC, f = 1MHz, TA = 25
oC)
CJ
100
pF
Reverse Recovery Time
(IF = 0.5A, IR = 1.0 A, IRR = 0.25A, TA = 25
oC)
trr
40
nsec
CASE OUTLINES: Axial Leaded (__)
Dim
Min
Max
A
0.115”
0.135”
B
0.150”
0.190”
C
0.900”
—
D
0.038”
0.042”
P1
0.145”
0.155”
P2
0.125” REF
CASE OUTLINES: Button (BT)
Dim
Min
Max
A
0.125”
0.150”
A1
—
0.020”
B
—
0.190”
C
0.190”
0.210”
C1
0.280” REF
P1
0.145”
0.155”
P2
0.055”
0.075”
P3
0.090”
0.110”
P4
0.060” REF
T
0.008”
0.012”
R
0.015” REF
Notes:
* Diode body profile may differ from the one
shown for illustration
**Dimensions prior to solder dipping
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SRL2040 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com