Electronic Components Datasheet Search
  English  ▼

X  

RC0158D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0158D
Description  HYPER FAST SOFT RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0158D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0158D Datasheet HTML 1Page - Solid States Devices, Inc RC0158D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0158D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
1N80
__ __ __
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Device Type ( VRWM )
18 = 100 V
19 = 150 V
20 = 200 V
1N8018 thru 1N8020
SERIES
1 AMP
100 – 200 VOLTS
9 nsec
HYPER FAST
SOFT RECOVERY RECTIFIER
FEATURES:
Hyper fast reverse recovery time 9 ns max
Low forward voltage drop
Low reverse leakage current
Avalanche breakdown
Void free ceramic frit glass construction
High temperature category I eutectic metallurgical bond
Hermetically sealed
Solid silver lead
Excellent liquid-to-liquid cryogenic thermal shock
performance
Available in axial & square tab versions
For high efficiency applications
TX, TXV, and S-level screening available2/
Available as a QPL product per MIL-PRF-19500/769
Replacement for 1N6638, 1N6642 and 1N5806
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
1N8018
1N8019
1N8020
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 25°C)
IO
1
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TC = 25°C)
IFSM
20
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance
SMS- Junction to End Tab
Axial- Junction to Lead @ .375”
RθJE
RθJL
20
80
°C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25°C.
Axial Leaded
SMS


Similar Part No. - RC0158D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0158D SSDI-RC0158D_15 Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
More results

Similar Description - RC0158D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD1100 PHILIPS-BYD1100 Datasheet
62Kb / 12P
Hyper fast soft-recovery rectifier
1999 Nov 16
logo
Solid States Devices, I...
SDR1AHF SSDI-SDR1AHF_2 Datasheet
108Kb / 2P
Hyper Fast Recovery Rectifier
SDR6638 SSDI-SDR6638 Datasheet
118Kb / 2P
HYPER FAST RECOVERY RECTIFIER
SPD6626 SSDI-SPD6626_1 Datasheet
141Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0126C SSDI-RC0126C Datasheet
128Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0096F SSDI-RC0096F_15 Datasheet
112Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0158D SSDI-RC0158D_15 Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J_15 Datasheet
77Kb / 2P
Hyper Fast Recovery Rectifier
1N8018 SSDI-1N8018 Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com