Electronic Components Datasheet Search
  English  ▼

X  

RC0160C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0160C
Description  HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0160C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0160C Datasheet HTML 1Page - Solid States Devices, Inc RC0160C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0160C
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
LIMIT
UNIT
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = 25°C)
@ IF = 1mA
@ IF = 10mA
@ IF = 100mA
@ IF = 200mA
@ IF = 500mA
@ IF = 1A
VF1
VF2
VF3
VF4
VF5
VF6
0.525
0.650
0.800
0.850
0.910
0.980
Vdc
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = 150°C)
@ IF = 10mA
@ IF = 100mA
VF7
VF8
0.500
0.620
Vdc
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = -55°C)
@ IF = 10mA
@ IF = 100mA
VF9
VF10
0.810
0.900
Vdc
Minimum Breakdown Voltage
IR = 100 μA
1N8021
1N8022
1N8023
BVR
110
165
220
Vdc
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 25°C)
@ VR = 20V
@ VR = 75V
@ VR = max rated
IR1
IR2
IR3
80
120
750
nA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 125°C)
@ VR = 20V
@ VR = 75V
@ VR = max rated
IR4
IR5
IR6
50
75
150
µA
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 0V
CJ1
6
pf
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 1.5V
CJ2
5
pf
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 10V
CJ3
4
pf
Maximum Reverse Recovery Time
(IF = 50 mA, IR = 100 mA, IRR = 25 mA)
trr
5
nsec
Maximum Forward Recovery Time
(IF = 50 mA)
tfr
20
nsec
AXIAL
DIM
MIN
MAX
A
.056”
.075”
B
.125”
.140”
C
.018”
.022”
D
1.00”
1.50”
SMS
DIM
MIN
MAX
A
.070”
.085”
B
.168”
.200”
C
.019”
.028”
D
.001”
--
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
1N8021 thru 1N8023
SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com