Electronic Components Datasheet Search
  English  ▼

X  

RC0161A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0161A
Description  SMD HyperFast Rectifier Low Forward Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0161A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0161A Datasheet HTML 1Page - Solid States Devices, Inc RC0161A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0161A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDR 03
____ ___
|
|
|
|
|
|
|
|
|
└
|
|
|
|
|
|
|
└
|
|
|
|
|
└
└
Screening2/
___ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
Package
S.22 = SMD.22
Voltage
40 = 400V
50 = 500V
60 = 600V
Current
03 = 3A
SDR0360 series
3 AMP, 30nsec
SMD HyperFast Rectifier
Low Forward Voltage
400 - 600 VOLTS
FEATURES:
 Hyper Fast Recovery: 30 nsec typical
 Very Low Reverse Leakage Current
 Low Forward Voltage
 Low Junction Capacitance
 Hermetically Sealed Package
 Ultrasonic Aluminum Wire Bonds
 TX, TXV, and Space Level Screening
Available Consult Factory.2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SDR0340
SDR0350
SDR0360
VRRM
VRWM
VR
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
3
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
60
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RJC
15
oC/W
Notes:
1/ For ordering information, price, operating curves and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
SMD.22
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE


Similar Part No. - RC0161A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0161A SSDI-RC0161A_15 Datasheet
137Kb / 2P
SMD HyperFast Rectifier Low Forward Voltage
More results

Similar Description - RC0161A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRBL1030 MIC-SRBL1030 Datasheet
64Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 MIC-SRFL1030 Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1630 MIC-SRFL1630 Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL2030C MIC-SRFL2030C Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Sensitron
SHD126211 SENSITRON-SHD126211_08 Datasheet
52Kb / 3P
SCHOTTKY RECTIFIER Very Low Forward Voltage
logo
KODENSHI_AUK CORP.
SDB1560PH KODENSHI-SDB1560PH Datasheet
279Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
SDB1560PH-1 KODENSHI-SDB1560PH-1 Datasheet
279Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
logo
Solid States Devices, I...
RC0161A SSDI-RC0161A_15 Datasheet
137Kb / 2P
SMD HyperFast Rectifier Low Forward Voltage
SDR0360 SSDI-SDR0360 Datasheet
137Kb / 2P
3 AMP, 30nsec SMD HyperFast Rectifier Low Forward Voltage 400 - 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com