Electronic Components Datasheet Search
  English  ▼

X  

RC0164A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0164A
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0164A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0164A Datasheet HTML 1Page - Solid States Devices, Inc RC0164A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0164A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR12U
__ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
G= Cerpack
S.5 = SMD.5
Family/Voltage
080 = 800V
090 = 900V
100 = 1000V
110 = 1100V
120 = 1200V
SDR12U080
thru
SDR12U120
12 AMP
ULTRA FAST RECTIFIER
800 - 1200 VOLTS
50 nsec
FEATURES:
Hyper Fast Recovery: typically 30 nS
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Power Package
Gold Eutectic Die Attach Available
Ultrasonic Aluminum Wire Bonds
TX, TXV, or Space Level Screening Available
Maximum Ratings4/
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR12U080
SDR12U090
SDR12U100
SDR12U110
SDR12U120
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC= 100ºC)
IO
12
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25ºC)
IFSM
120
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
Cerpack
SMD.5
RθJC
2.2 (typ 1.7)
1.5 (typ 1.0)
ºC/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Higher voltages available.
4/ Both anodes tied together.
Cerpack (G)
Bottom pad = cathode
Pins 2, 3 = anode
SMD.5 (S.5)
Pin 1 = cathode
Pins 2, 3 = anode


Similar Part No. - RC0164A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0164A SSDI-RC0164A_15 Datasheet
138Kb / 2P
ULTRA FAST RECTIFIER
More results

Similar Description - RC0164A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com