Electronic Components Datasheet Search
  English  ▼

X  

RH0008C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0008C
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0008C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0008C Datasheet HTML 1Page - Solid States Devices, Inc RH0008C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0008C
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SDR429
__ __
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
SDR429
SDR429SMS
1 AMP, 700 V
Hyper Fast
Rectifier
Features:
• High Voltage 700 V continuous
• Very Fast Switching < 20 nS
• Low High Temperature Leakage < 15 µA
• Very Fast Switching @ 100 º C < 35 nS
• Hermetically Sealed
• Higher Voltages Available, consult Factory
• TX, TXV, S Level screening Available2/
• Available Axial Leaded or Surface Mount (Square Tab)
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
VRRM
VRSM
700
Volts
Average Rectified Forward Current
(Resistive Load, 60 hz Sine Wave)
Io
1.0
Amps
Non Repetitive Surge Current
(8.3 ms Pulse Half Sine Wave Superimposed on Io)
IFSM
18
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 1/8 "
Junction to End Tab
RθJL
RθJE
12
9
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial Lead Diode
SMS


Similar Part No. - RH0008C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0008C SSDI-RH0008C_15 Datasheet
218Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - RH0008C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
RH0121 SSDI-RH0121 Datasheet
192Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com