Electronic Components Datasheet Search
  English  ▼

X  

MB90091AP Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90091AP
Description  Intelligent On-screen Display Controller (IOSDC)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90091AP Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90091AP Datasheet HTML 17Page - fujitsu semiconductor MB90091AP Datasheet HTML 18Page - fujitsu semiconductor MB90091AP Datasheet HTML 19Page - fujitsu semiconductor MB90091AP Datasheet HTML 20Page - fujitsu semiconductor MB90091AP Datasheet HTML 21Page - fujitsu semiconductor MB90091AP Datasheet HTML 22Page - fujitsu semiconductor MB90091AP Datasheet HTML 23Page - fujitsu semiconductor MB90091AP Datasheet HTML 24Page - fujitsu semiconductor MB90091AP Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
MB90091A
2. Command 1 (Set Character Color)
• Command format
• Function
Command 1 sets the character color and character background color and specifies character qualification
display and shaded background display.
• Description
The character color, character background color, character qualification display, and shaded background dis-
play can be set/specified for each character. Character background display, blinking, and inverted shading
can be used for characters for which character qualification display is specified.
These settings are written to VRAM and applied to the display screen the moment command 2 (Set Character
Code) is issued.
AT: Specify character qualification display.
(Specify display of a character background, blinking, inverted shading.)
AT = 0: Normal display (without character qualification)
This setting suppresses character background display, blinking, and inverted shading in shaded
background display.
The output level at the VOB2 pin becomes “L“.
AT = 1: Character qualification display
This setting enables character background display, blinking, and inverted shading in shaded back-
ground display.
“H“ level output is enabled at the VOB2 pin.
Setting the command 5 (Screen Control 1) ATR bit to “1“ specifies character background display.
Setting the ATB bit for command 5 (Screen Control 1) to “1“ specifies blinking.
Setting both the ATK and BS bits for command 5 (Screen Control 1) to “1“ specifies inverted
shading.
Setting the command 6 (Screen Control 2) ATH bit to “1“ sets the output level at the VOB2 pin to “H“.
BS: Specify shaded background display.
BS = 0: Normal display (without shaded background display)
BS = 1: Shaded background display
Setting both the ATK and AT bits for command 5 (Screen Control 1) to “1“ specifies inverted
shading.
C1, CG, CR, CB: Set the character color.
B1, BG, BR, BB: Set the background color.
1
0
0
0
1
AT
BI
MSB
LSB
0
CR
CB
MSB
LSB
BG
BB
BR
CI
CG
BS
: Specify character qualification display.
(Specify display of a character background, blinking, inverted shading.)
: Specify shaded background display.
: Set a character background color.
: Set a character color.
First byte
Second byte
AT
BS
B1 to BB
C1 to CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com