Electronic Components Datasheet Search
  English  ▼

X  

670 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 670
Description  SMD Resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

670 Datasheet(HTML) 1 Page - Oscilent Corporation

  670 Datasheet HTML 1Page - Oscilent Corporation 670 Datasheet HTML 2Page - Oscilent Corporation 670 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
670 ~ 671
ZTACC / ZTTCC Ceramic
SMD Resonator
Jan. 01 2007
FEATURES
- Low frequencies Surface Mount Ceramic Resonator
- Extended temperature range
- High stability
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
Series No.
Type
Fig
Frequency
Range*
Frequency
Accuracy
Stability in
Temperature
Aging for Ten
Years
(MHz)
@ 25° (MHz)
-20° ~ +80°C
-
670
ZTACC
1
1.79 ~ 8.00
±0.5%
±0.3%
±0.3 %
671
ZTTCC
2
*Higher Freq. Avail. Contact Oscilent for assistance.
Page 1 of 3
Oscilent Corporation | 670 - 671 Series Ceramic Resonator


Similar Part No. - 670

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
670-001R01 GLENAIR-670-001R01 Datasheet
37Kb / 1P
Protective Cover Attachments
logo
Japan Aviation Electron...
670-2156 JAE-670-2156 Datasheet
80Kb / 1P
REDRAWN AND CHANGED TITLE
670-2171 JAE-670-2171 Datasheet
79Kb / 1P
REDRAWN AND CHANGED TITLE
670-2172 JAE-670-2172 Datasheet
80Kb / 1P
REDRAWN AND CHANGED TITLE
logo
PANDUIT CORP.
670-2183 PANDUIT-670-2183 Datasheet
118Kb / 1P
OUTER DIAMETER OF CABLE IS DISTINGUISHED BY EXTRACTION TOOL
More results

Similar Description - 670

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
670-3.5M-32-03 OSCILENT-670-3.5M-32-03 Datasheet
141Kb / 3P
SMD Resonator
672-12.0M-33-03 OSCILENT-672-12.0M-33-03 Datasheet
141Kb / 3P
SMD Resonator
674-10.5M-33-03 OSCILENT-674-10.5M-33-03 Datasheet
143Kb / 3P
SMD Resonator
681-4.0M-30-03 OSCILENT-681-4.0M-30-03 Datasheet
136Kb / 3P
SMD Resonator
683-20.0M-33-03 OSCILENT-683-20.0M-33-03 Datasheet
140Kb / 3P
SMD Resonator
R-672 OSCILENT-R-672 Datasheet
139Kb / 3P
SMD Resonator
R-674 OSCILENT-R-674 Datasheet
143Kb / 3P
SMD Resonator
R-682 OSCILENT-R-682 Datasheet
114Kb / 2P
SMD Resonator
R-683 OSCILENT-R-683 Datasheet
140Kb / 3P
SMD Resonator
R-685 OSCILENT-R-685 Datasheet
120Kb / 1P
SMD Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com