Electronic Components Datasheet Search
  English  ▼

X  

R-682 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # R-682
Description  SMD Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

R-682 Datasheet(HTML) 2 Page - Oscilent Corporation

  R-682 Datasheet HTML 1Page - Oscilent Corporation R-682 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VALUES OF C1 & C2
Frequency Range (MHz)
C1 (pF)
C2 (pF)
4.0 ~ 8.0
15 ±20%
15 ±20%
. .
PART NUMBER GUIDE
Part Number
Frequency
Load Capacitance
Frequency
Accuracy ( % )
Operating
Temp ( °C )
Packaging**
682
- 4.0M
- 30
- 03
W
- TR
681 =ZTACR
682 =
ZTTCR
e.g. -4.0M = 4.00 MHz
Std. Range = 20.0 ~ 50 MHz
Other Freq. Avail. Contact
Oscilent for assistance.
Blank* = Standard as
shown in above Table
or Fill in the blank e.g
30 = 30pF
Blank* = ±0.5%
-03 = ±0.3%
Blank* = -20 ~ +80
-N = -40 ~ +85
-W = -40 ~ +125
Blank* = Bulk
-TR = Tape/ Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: "Blank" part number selections, indicate standard variables for the particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
Series No.:
681 to 682
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Oscilent Corporation | 681 - 682 Series SMD Ceramic Resonator
http://www.oscilent.com/spec_pages/Resonators/R-682_ceramic_...
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com