Electronic Components Datasheet Search
  English  ▼

X  

PE8414 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8414
Description  50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8414 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8414 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8414 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s RF Circulators and Isolators are available in high and low power versions with SMA or N-type connectors. These
Circulators and isolators have a minimum isolation of 18 dB and power ratings from 10 to 1,000 Watts. The frequency range
coverage is between 380 MHz and 2.2 GHz covering LTE, AWS, PCS and WiMax frequency bands. VSWR is <1.3:1 and the
insertion loss maximum is 0.35 dB
• Designs available from 380 MHz to 2.2 GHz covering Tetra, LTE, AWS, PCS, ISM and WiMax Bands
•
Isolators provide added protection to amplifiers and transmitters connected to high mismatch circuits
• Circulators are perfect for duplexer applications requiring at least 18 dB of isolation between transmit and receive
ports
• Circulators, in combination with a higher wattage termination, are usable for higher power isolator protection
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Connector 3
SMA Female
Frequency Range
1.7 GHz to 2.2 GHz
Design
Circulator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
1.7
2.2
GHz
Impedance
50
Ohms
Forward Power
10
Watts
Reverse Power
10
Watts
Input VSWR
1.25:1
Isolation
18
dB
.
Mechanical Specifications
Temperature
Operating Range
-20 to 65 deg C
Size
Length
2.5 in [63.5 mm]
Width
2.5 in [63.5 mm]
Height
1.02 in [25.91 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts With 18 dB Isola-
tion PE8414
PE8414
PE8414 REV 1.0
50 Ohm SMA Circulator Operating From 1.7 GHz to
2.2 GHz And 10 Watts With 18 dB Isolation


Similar Part No. - PE8414

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
Ultra-High Linearity Broadband Quad MOSFET Array
PE84140 PEREGRINE-PE84140 Datasheet
165Kb / 7P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
PE84140-EK PEREGRINE-PE84140-EK Datasheet
186Kb / 5P
Ultra-High Linearity Broadband Quad MOSFET Array
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
More results

Similar Description - PE8414

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8406 PASTERNACK-PE8406 Datasheet
242Kb / 3P
50 Ohm SMA Circulator Operating From 18 GHz to 26.5 GHz And 10 Watts With 17 dB Isolation
PE8415 PASTERNACK-PE8415 Datasheet
163Kb / 2P
50 Ohm N Circulator Operating From 1.7 GHz to2.2 GHz And 10 Watts
PE8416 PASTERNACK-PE8416 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8417 PASTERNACK-PE8417 Datasheet
162Kb / 2P
50 Ohm N Isolator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8302 PASTERNACK-PE8302 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PE8413 PASTERNACK-PE8413 Datasheet
159Kb / 2P
50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8432 PASTERNACK-PE8432 Datasheet
319Kb / 2P
50 Ohm SMA Circulator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8433 PASTERNACK-PE8433 Datasheet
321Kb / 2P
50 Ohm SMA Circulator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com